Moteur de recherche de fiches techniques de composants électroniques |
|
AD5315BRM-REEL7 Fiches technique(PDF) 4 Page - Analog Devices |
|
AD5315BRM-REEL7 Fiches technique(HTML) 4 Page - Analog Devices |
4 / 24 page AD5305/AD5315/AD5325 Rev. G | Page 4 of 24 A Version1 B Version1 Parameter2 Min Typ Max Min Typ Max Unit Conditions/Comments LOGIC INPUTS (A0 )5 Input Current ±1 ±1 μA Input Low Voltage, VIL 0.8 0.8 V VDD = 5 V ± 10% 0.6 0.6 V VDD = 3 V ± 10% 0.5 0.5 V VDD = 2.5 V Input High Voltage, VIH 2.4 2.4 V VDD = 5 V ± 10% 2.1 2.1 V VDD = 3 V ± 10% 2.0 2.0 V VDD = 2.5 V Pin Capacitance 3 3 pF LOGIC INPUTS (SCL, SDA)5 Input High Voltage, VIH 0.7 VDD VDD + 0.3 0.7 VDD VDD + 0.3 V SMBus compatible at VDD < 3.6 V Input Low Voltage, VIL −0.3 0.3 VDD −0.3 0.3 VDD V SMBus compatible at VDD < 3.6 V Input Leakage Current, IIN ±1 ±1 μA Input Hysteresis, VHYST 0.05 VDD 0.05 VDD V Input Capacitance, CIN 8 8 pF Glitch Rejection 50 50 ns Input filtering suppresses noise spikes of less than 50 ns LOGIC OUTPUT (SDA)5 Output Low Voltage, VOL 0.4 0.4 V ISINK = 3 mA 0.6 0.6 V ISINK = 6 mA Three-State Leakage Current ±1 ±1 μA Three-State Output Capacitance 8 8 pF POWER REQUIREMENTS VDD 2.5 5.5 2.5 5.5 V IDD (Normal Mode)7 VIH = VDD and VIL = GND VDD = 4.5 V to 5.5 V 600 900 600 900 μA VDD = 2.5 V to 3.6 V 500 700 500 700 μA IDD (Power-Down Mode) VIH = VDD and VIL = GND VDD = 4.5 V to 5.5 V 0.2 1 0.2 1 μA IDD = 4 μA (maximum) during 0 readback on SDA VDD = 2.5 V to 3.6 V 0.08 1 0.08 1 μA IDD = 1.5 μA (maximum) during 0 readback on SDA 1 Temperature range (A, B version): −40°C to +105°C; typical at +25°C. 2 See the Terminology section. 3 DC specifications tested with the outputs unloaded. 4 Linearity is tested using a reduced code range: AD5305 (Code 8 to 248); AD5315 (Code 28 to 995); AD5325 (Code 115 to 3981). 5 Guaranteed by design and characterization, not production tested. 6 For the amplifier output to reach its minimum voltage, offset error must be negative; to reach its maximum voltage, VREF = VDD and offset plus gain error must be positive. 7 IDD specification is valid for all DAC codes. Interface inactive. All DACs active and excluding load currents. |
Numéro de pièce similaire - AD5315BRM-REEL7 |
|
Description similaire - AD5315BRM-REEL7 |