Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5233 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD5233
Description  Nonvolatile Memory, Quad 64-Position Digital Potentiometer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5233 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD5233_15 Datasheet HTML 7Page - Analog Devices AD5233_15 Datasheet HTML 8Page - Analog Devices AD5233_15 Datasheet HTML 9Page - Analog Devices AD5233_15 Datasheet HTML 10Page - Analog Devices AD5233_15 Datasheet HTML 11Page - Analog Devices AD5233_15 Datasheet HTML 12Page - Analog Devices AD5233_15 Datasheet HTML 13Page - Analog Devices AD5233_15 Datasheet HTML 14Page - Analog Devices AD5233_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD5233
Rev. B | Page 11 of 32
FREQUENCY (Hz)
0
100
1M
–30
–42
–24
–36
–12
1k
10k
100k
–6
–18
CODE 0x20
0x10
0x08
0x04
0x02
0x01
Figure 17. Gain vs. Frequency vs. Code, RAB = 50 kΩ (Figure 31)
FREQUENCY (Hz)
0
100
1M
–30
–42
–24
–36
–12
1k
10k
100k
–6
–18
CODE 0x20
0x10
0x08
0x04
0x02
0x01
Figure 18. Gain vs. Frequency vs. Code, RAB = 100 kΩ ( Figure 31)
FREQUENCY (Hz)
80
100
10M
1M
30
0
10
40
20
60
1k
10k
100k
70
50
VDD = 5V ±100mV AC
VSS = 0V, VA = 5V, VB = 0V
MEASURED AT VW WITH CODE = 0x200
RAB = 100kΩ
RAB = 50kΩ
RAB = 10kΩ
Figure 19. PSRR vs. Frequency
MIDSCALE
EXPECTED
VALUE
100µs/DIV
VDD = 5V
VA = 2.25V
VB = 0V
VA
VW
0.5V/
DIV
Figure 20. Power-On Reset, VA = 2.25 V, VB = 0 V,
Code = 101010
TIME (µs)
2.60
2.58
2.56
0
50
100
250
350
450
200
150
300
400
511
2.54
2.52
2.42
2.40
2.46
2.44
2.50
2.48
VDD = VA = 5V
VSS = VB = 0V
CODE = 0x20 TO 0x1F
Figure 21. Midscale Glitch Energy, Code 0x20 to Code 0x1F
CLK
SDI
IDD
20mA/
DIV
4ms/DIV
5V/DIV
5V/DIV
5V/DIV
CS
Figure 22. IDD vs. Time When Storing Data to EEMEM


Numéro de pièce similaire - AD5233_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5233BRU10 AD-AD5233BRU10 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
AD5233BRU10-REEL7 AD-AD5233BRU10-REEL7 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
AD5233BRU100 AD-AD5233BRU100 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
AD5233BRU100-REEL7 AD-AD5233BRU100-REEL7 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
AD5233BRU50 AD-AD5233BRU50 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
More results

Description similaire - AD5233_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
AD5258BRMZ1-RL7 AD-AD5258BRMZ1-RL7 Datasheet
534Kb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5258 AD-AD5258_15 Datasheet
534Kb / 24P
   Nonvolatile, IC-Compatible 64-Position, Digital Potentiometer
REV. D
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com