Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPA1856 Fiches technique(PDF) 5 Page - NEC

No de pièce UPA1856
Description  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPA1856 Fiches technique(HTML) 5 Page - NEC

  UPA1856 Datasheet HTML 1Page - NEC UPA1856 Datasheet HTML 2Page - NEC UPA1856 Datasheet HTML 3Page - NEC UPA1856 Datasheet HTML 4Page - NEC UPA1856 Datasheet HTML 5Page - NEC UPA1856 Datasheet HTML 6Page - NEC UPA1856 Datasheet HTML 7Page - NEC UPA1856 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D13808EJ2V0DS00
5
µµµµPA1856
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
10
−0.1
100
1000
10000
−1
−10
−100
f = 1 MHz
VGS = 0V
Ciss
Crss
Coss
−0.1
−1
−10
ID - Drain Current - A
1000
10000
100
10
td(off)
td(on)
tf
tr
SWITCHING CHARACTERISTICS
VDD =
−10 V
VGS(on) =
−4.0 V
RG = 10
0.01
0.1
1
10
100
0.4
0.6
0.8
1.0
1.2
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
VF(S-D) - Source to Drain Voltage - V
QG - Gate Charge - nC
0
13
5
7
9
8
46
210
DYNAMIC INPUT CHARACTERISTICS
0
4
2
6
8
VDD =
−16 V
−10 V
ID =
−4.5 A
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
PW - Pulse Width - S
10
0.1
1
100
1000
1
1m
10m
100m
10
100
1000
Mounted on ceramic substrate
of 5000 mm x 1.1 mm
Single Pulse
PD(FET1) : PD(FET2) = 1:1
2
62.5˚C/W


Numéro de pièce similaire - UPA1856

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
UPA1856 RENESAS-UPA1856 Datasheet
208Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1999
UPA1856GR-9JG RENESAS-UPA1856GR-9JG Datasheet
208Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1999
More results

Description similaire - UPA1856

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com