Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPA1856 Fiches technique(PDF) 3 Page - NEC

No de pièce UPA1856
Description  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPA1856 Fiches technique(HTML) 3 Page - NEC

  UPA1856 Datasheet HTML 1Page - NEC UPA1856 Datasheet HTML 2Page - NEC UPA1856 Datasheet HTML 3Page - NEC UPA1856 Datasheet HTML 4Page - NEC UPA1856 Datasheet HTML 5Page - NEC UPA1856 Datasheet HTML 6Page - NEC UPA1856 Datasheet HTML 7Page - NEC UPA1856 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D13808EJ2V0DS00
3
µµµµPA1856
TYPICAL CHARACTERISTICS (TA = 25°C)
30
150
60
90
20
60
80
40
0
100
120
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TA - Ambient Temperature - ˚C
FORWARD BIAS SAFE OPERATING AREA
−10
−100
−1
VDS - Drain to Source Voltage - V
−100
−10
−1
−0.1
−0.1
−0.01
PW
=100
m
s
DC
PW
=10
ms
PW
=1
ms
R
DS(on)
Limited
(@V
GS
= −
4.5
V)
ID (pulse)
ID (DC)
Single Pulse
2
Mounted on Ceramic
PD(FET1) : PD(FET2) = 1:1
Substrate of 5000 mm x 1.1 mm
TA = 25 ˚C
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0.2
0.0
0.8
1.0
0.4
0.6
4
0
12
16
8
20
VGS =
10 V
4.5 V
4.0 V
2.5 V
−0.01
−0.001
−0.0001
−0.00001
−0.5
0
−1.0
−1.5
−2.0
−2.5 −3.0
−100
−10
−1
−0.1
25˚C
75˚C
TA = 125˚C
VGS - Gate to Sorce Voltage - V
25˚C
VDS =
−10 V
TRANSFER CHARACTERISTICS
GATE TO SOURCE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
VDS =
10 V
ID =
1 mA
−50
50
100
0
150
−1.5
−1.0
−0.5
−1
−10
−100
−0.1
VDS =
−10V
ID - Drain Current - A
1
10
0.1
0.01
−0.01
100
75˚C
125˚C
25˚C
TA =
25˚C
FORWARD TRANSFER ADMITTANCE Vs.
DRAIN CURRENT


Numéro de pièce similaire - UPA1856

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
UPA1856 RENESAS-UPA1856 Datasheet
208Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1999
UPA1856GR-9JG RENESAS-UPA1856GR-9JG Datasheet
208Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1999
More results

Description similaire - UPA1856

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com