Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5231BRU100 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD5231BRU100
Description  Nonvolatile Memory, 1024-Position Digital Potentiometer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5231BRU100 Fiches technique(HTML) 1 Page - Analog Devices

  AD5231BRU100 Datasheet HTML 1Page - Analog Devices AD5231BRU100 Datasheet HTML 2Page - Analog Devices AD5231BRU100 Datasheet HTML 3Page - Analog Devices AD5231BRU100 Datasheet HTML 4Page - Analog Devices AD5231BRU100 Datasheet HTML 5Page - Analog Devices AD5231BRU100 Datasheet HTML 6Page - Analog Devices AD5231BRU100 Datasheet HTML 7Page - Analog Devices AD5231BRU100 Datasheet HTML 8Page - Analog Devices AD5231BRU100 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Nonvolatile Memory,
1024-Position Digital Potentiometer
Data Sheet
AD5231
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2001–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
1024-position resolution
Nonvolatile memory maintains wiper setting
Power-on refresh with EEMEM setting
EEMEM restore time: 140 µs typ
Full monotonic operation
10 kΩ, 50 kΩ, and 100 kΩ terminal resistance
Permanent memory write protection
Wiper setting readback
Predefined linear increment/decrement instructions
Predefined ±6 dB/step log taper increment/decrement
instructions
SPI®-compatible serial interface
3 V to 5 V single-supply or ±2.5 V dual-supply operation
28 bytes extra nonvolatile memory for user-defined data
100-year typical data retention, TA = 55°C
APPLICATIONS
Mechanical potentiometer replacement
Instrumentation: gain, offset adjustment
Programmable voltage to current conversion
Programmable filters, delays, time constants
Programmable power supply
Low resolution DAC replacement
Sensor calibration
FUNCTIONAL BLOCK DIAGRAM
EEMEM(0)
EEMEM(1)
AD5231
RDAC
CLK
SDI
GND
SDO
RDY
SDO
VDD
VSS
A
W
B
O1
O2
SDI
2
PR
WP
CS
ADDR
DECODE
RDAC
REGISTER
DIGITAL
REGISTER
SERIAL
INTERFACE
EEMEM
CONTROL
28 BYTES
USER EEMEM
DIGITAL
OUTOUT
BUFFER
Figure 1.
CODE (Decimal)
100
75
0
0
1023
256
512
768
50
25
RWB
RWA
Figure 2. RWA (D) and RWB (D) vs. Decimal Code
GENERAL DESCRIPTION
The AD5231 is a nonvolatile memory1, digitally controlled
potentiometer2 with 1024-step resolution. The device performs
the same electronic adjustment function as a mechanical
potentiometer with enhanced resolution, solid state reliability,
and remote controllability. The AD5231 has versatile programming
that uses a standard 3-wire serial interface for 16 modes of
operation and adjustment, including scratchpad programming,
memory storing and restoring, increment/decrement, ±6 dB/step
log taper adjustment, wiper setting readback, and extra EEMEM
for user-defined information, such as memory data for other
components, look-up table, or system identification information.
In scratchpad programming mode, a specific setting can be
programmed directly to the RDAC register that sets the
resistance between Terminals W–A and Terminals W–B. This
setting can be stored into the EEMEM and is transferred
automatically to the RDAC register during system power-on.
The EEMEM content can be restored dynamically or through
external PR strobing, and a WP function protects EEMEM
contents. To simplify the programming, the linear-step increment
or decrement commands can be used to move the RDAC wiper
up or down, one step at a time. The ±6 dB step commands can
be used to double or half the RDAC wiper setting.
The AD5231 is available in a 16-lead TSSOP. The part is
guaranteed to operate over the extended industrial temperature
range of −40°C to +85°C.
1
The terms nonvolatile memory and EEMEM are used interchangeably.
2
The terms digital potentiometer and RDAC are used interchangeably.


Numéro de pièce similaire - AD5231BRU100

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5231BRU100 AD-AD5231BRU100 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5231BRU100 AD-AD5231BRU100 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
AD5231BRU100-REEL7 AD-AD5231BRU100-REEL7 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5231BRU100-REEL7 AD-AD5231BRU100-REEL7 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
More results

Description similaire - AD5231BRU100

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com