Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5220 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD5220
Description  Increment Decrement Digital Potentionmeter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5220 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD5220_15 Datasheet HTML 3Page - Analog Devices AD5220_15 Datasheet HTML 4Page - Analog Devices AD5220_15 Datasheet HTML 5Page - Analog Devices AD5220_15 Datasheet HTML 6Page - Analog Devices AD5220_15 Datasheet HTML 7Page - Analog Devices AD5220_15 Datasheet HTML 8Page - Analog Devices AD5220_15 Datasheet HTML 9Page - Analog Devices AD5220_15 Datasheet HTML 10Page - Analog Devices AD5220_15 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AD5220
–7–
REV.
V+
DUT
VMS
A
B
W
V+ = VDD
1LSB = V+/128
Figure 27. Potentiometer Divider Nonlinearity Error Test
Circuit (INL, DNL)
NO CONNECT
IW
DUT
VMS
A
B
W
Figure 28. Resistor Position Nonlinearity Error (Rheostat
Operation; R-INL, R-DNL)
VMS2
VW
IW = VDD/RNOMINAL
DUT
VMS1
A
B
W
RW = [VMS1 – VMS2]/IW
Figure 29. Wiper Resistance Test Circuit
PSRR (dB) = 20 LOG
( ––––– )
PSS (%/%) = –––––––
VMS
VDD
VMS%
VDD%
V+ = VDD ± 10%
VDD
VA
~
V+
VMS
A
B
W
Figure 30. Power Supply Sensitivity Test Circuit (PSS,
PSRR)
~
A
B
VIN
2.5V DC
OP279
+5V
VOUT
DUT
W
OFFSET
GND
Figure 31. Inverting Programmable Gain Test Circuit
~
AB
VIN
2.5V
OP279
+5V
VOUT
DUT
W
OFFSET
GND
Figure 32. Noninverting Programmable Gain Test Circuit
A
B
2.5V
DUT
W
OFFSET
GND
~
VIN
OP42
+15V
VOUT
–15V
Figure 33. Gain vs. Frequency Test Circuit
ISW
0 TO VDD
RSW =
0.1V
ISW
CODE = ØØH
0.1V
DUT
B
W
Figure 34. Incremental ON Resistance Test Circuit
Parametric Test Circuits–
A


Numéro de pièce similaire - AD5220_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5220BN10 AD-AD5220BN10 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5220BN100 AD-AD5220BN100 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5220BN50 AD-AD5220BN50 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5220BNZ10 AD-AD5220BNZ10 Datasheet
679Kb / 11P
   Increment/Decrement Digital Potentiometer
REV. A
AD5220BNZ10 AD-AD5220BNZ10 Datasheet
679Kb / 11P
   Increment/Decrement Digital Potentiometer
REV. A
More results

Description similaire - AD5220_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5220BNZ100 AD-AD5220BNZ100 Datasheet
679Kb / 11P
   Increment/Decrement Digital Potentiometer
REV. A
AD5220BNZ10 AD-AD5220BNZ10 Datasheet
679Kb / 11P
   Increment/Decrement Digital Potentiometer
REV. A
AD5220 AD-AD5220 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5222 AD-AD5222 Datasheet
173Kb / 10P
   Increment/Decrement Dual Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5133 ONSEMI-CAT5133 Datasheet
169Kb / 9P
   16 Volt Digital Potentiometer (POT) with 128 Taps and an Increment Decrement Interface
July, 2013 ??Rev. 5
CAT5133ZI-10-GT3 ONSEMI-CAT5133ZI-10-GT3 Datasheet
209Kb / 10P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and an Increment Decrement Interface
Doc. No. MD-2125 Rev. D
logo
Catalyst Semiconductor
CAT5133 CATALYST-CAT5133_08 Datasheet
283Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPPTM) with 128 Taps and an Increment Decrement Interface
CAT5133 CATALYST-CAT5133 Datasheet
285Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPP TM) with 128 Taps and an Increment Decrement Interface
logo
JFW Industries, Inc.
50FH-XXX-50 JFW-50FH-XXX-50 Datasheet
26Kb / 1P
   1 through 50 dB in any 1 dB increment
logo
Analog Devices
AD5516 AD-AD5516_03 Datasheet
228Kb / 16P
   16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com