Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5100 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD5100
Description  System Management IC with Factory Programmed Quad Voltage Monitoring and Supervisory Functions
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5100 Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD5100_15 Datasheet HTML 5Page - Analog Devices AD5100_15 Datasheet HTML 6Page - Analog Devices AD5100_15 Datasheet HTML 7Page - Analog Devices AD5100_15 Datasheet HTML 8Page - Analog Devices AD5100_15 Datasheet HTML 9Page - Analog Devices AD5100_15 Datasheet HTML 10Page - Analog Devices AD5100_15 Datasheet HTML 11Page - Analog Devices AD5100_15 Datasheet HTML 12Page - Analog Devices AD5100_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
AD5100
Rev. A | Page 9 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
V1MON 1
GND
2
NC = NO CONNECT
VOTP 3
V3MON 4
V2MON
16
GND/NC
15
V4MON
14
MR
5
AD0
13
WDI
6
SHDN
12
SCL
7
SHDNWARN
11
V4OUT
10
SDA 8
RESET
9
AD5100
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 5. AD5100 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
V1MON
High Voltage Monitoring Input. AD5100 internal supply is derived from V1MON. There must be a 10 μF electrolytic
capacitor between this pin and GND, placed as close as possible to the V1MON pin.
2
GND
Ground.
3
VOTP
One-Time Programmable Supply Voltage for EPROM. A 10 μF decoupling capacitor (low ESR) to GND is required.
4
V3MON
Low Voltage Monitoring Input.
5
MR
Manual Reset Input. Active low.
6
WDI
Watchdog Input.
7
SCL
I2C Serial Input Register Clock. Open-drain input. If it is driven directly from a logic driver without the pull-up
resistor, ensure that the VIH minimum is 3.3 V.
8
SDA
I2C Serial Data Input/Output. Open-drain input/output. If it is driven directly from a logic driver without the pull-
up resistor, ensure that the VIH minimum is 3.3 V.
9
RESET
Reset. Push-pull output with rail voltage of V3MON.
10
V4OUT
Open-Drain Output. Triggered by V4MON.
11
SHDNWARN
Shutdown Warning. Active low, open-drain output.
12
SHDN
Shutdown Output. Push-pull output with selectable rail voltage of V1MON or VREG, the AD5100 internal power (30 V
maximum).
13
AD0
I2C Slave Address Configuration. If tied high, this pin can only be tied to 3.3 V maximum.
14
V4MON
Low Voltage Monitoring Input. Capable of withstanding 30 V.
15
GND/NC
Ground/No Connect. Can be grounded or left floating but do not connect to any other potentials.
16
V2MON
High Voltage Monitoring Input. It is also the internal supply voltage enabling input.
1
2
3
4
16
15
14
5
13
6
12
7
11
10
8
9
AD5100
TOP VIEW
(Not to Scale)
GND
Figure 4. Recommended PCB Layout for Shielded High Voltage Inputs


Numéro de pièce similaire - AD5100_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5100EVAL AD-AD5100EVAL Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100YRQZ AD-AD5100YRQZ Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100YRQZ AD-AD5100YRQZ Datasheet
694Kb / 36P
   System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
AD5100YRQZ-RL7 AD-AD5100YRQZ-RL7 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100YRQZ-RL7 AD-AD5100YRQZ-RL7 Datasheet
694Kb / 36P
   System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
More results

Description similaire - AD5100_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5100 AD-AD5100_08 Datasheet
694Kb / 36P
   System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
AD5100 AD-AD5100 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
logo
EUROQUARTZ limited
XOPL81 EUROQUARTZ-XOPL81 Datasheet
59Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
XOP90 EUROQUARTZ-XOP90 Datasheet
82Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
XOPL91 EUROQUARTZ-XOPL91 Datasheet
78Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
XOPL53 EUROQUARTZ-XOPL53 Datasheet
74Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
logo
Texas Instruments
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com