Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5100 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD5100
Description  System Management IC with Factory Programmed Quad Voltage Monitoring and Supervisory Functions
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5100 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD5100_15 Datasheet HTML 2Page - Analog Devices AD5100_15 Datasheet HTML 3Page - Analog Devices AD5100_15 Datasheet HTML 4Page - Analog Devices AD5100_15 Datasheet HTML 5Page - Analog Devices AD5100_15 Datasheet HTML 6Page - Analog Devices AD5100_15 Datasheet HTML 7Page - Analog Devices AD5100_15 Datasheet HTML 8Page - Analog Devices AD5100_15 Datasheet HTML 9Page - Analog Devices AD5100_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD5100
Rev. A | Page 6 of 36
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
MR Pull-Up Resistance (Internal to V3MON)
37
60
82
RESET Hold Time Tolerance
(see
and
)
Figure 12
Table 8
ΔtRS_HOLD
TA = 25°C; does not apply to Code
0x6 and Code 0x7
−10
+10
%
TA = −40°C to +125°C; does not
apply to Code 0x06 and Code 0x7
−17
+17
%
SERIAL INTERFACES
Input Logic High (SCL, SDA)6
VIH
External RPULL-UP = 2.2 kΩ
2.0
5.5
V
Input Logic Low (SCL, SDA)
VIL
External RPULL-UP = 2.2 kΩ
0
0.8
V
Output Logic High (SDA)
VOH
VRAIL = 2 V to 5.5 V
0.7 × VRAIL
V
Output Logic Low (SDA)
VOL
IOL = 3 mA
0
0.4
V
Input Current
VIN = 0 V to 5.5 V
1
μA
Input Capacitance
CI
5
pF
POWER SUPPLY
Supply Voltage Range
V1MON
6.0
30
V
Sleep Mode Supply Current
ISLEEP_V1MON
V2MON = 0 V
5
μA
Active Mode Supply Current
IPOWER_V1MON
V2MON = 12 V
2
mA
V2MON edge triggered mode selected
2
mA
Device Power-On Threshold
V2MON, IH
2.2
V
V2MON, IL
0.4
V
Device Power-Up V2MON, Minimum Pulse Width
tV2MON_PW
4
ms
Device Power-Down Delay
TVREG_OFF_DELAY
V2MON < 0.4 V (normal mode)
2
sec
I2C-initiated power-down
10
μs
1 Represent typical values at 25°C, V1MON = 12 V, and V2MON = 12 V.
2 Initial V2MON turn-on minimum remains as 2.2 V but the 3 V to 30 V specifications apply afterward.
3 Does not apply if V2MON is a digital signal.
4 V4MON threshold limits (see Table 6) are designed to primarily allow V4MON to monitor low voltage inputs. The V4MON input pin is capable of withstanding voltages up to
30 V. One application where this 30 V capability is useful is electronic media-oriented systems transport (eMOST) diagnostic circuits.
5 The RESET short-circuit current is the maximum pull-up current when RESET is driven low by a microprocessor bidirectional reset pin.
6 It is typical for the SCL and SDA to have resistors pulled up to V3MON. However, care must be taken to ensure that the minimum VIH is met when the SCL and SDA are
driven directly from a low voltage logic controller without pull-up resistors.


Numéro de pièce similaire - AD5100_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5100EVAL AD-AD5100EVAL Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100YRQZ AD-AD5100YRQZ Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100YRQZ AD-AD5100YRQZ Datasheet
694Kb / 36P
   System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
AD5100YRQZ-RL7 AD-AD5100YRQZ-RL7 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100YRQZ-RL7 AD-AD5100YRQZ-RL7 Datasheet
694Kb / 36P
   System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
More results

Description similaire - AD5100_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5100 AD-AD5100_08 Datasheet
694Kb / 36P
   System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
AD5100 AD-AD5100 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
logo
EUROQUARTZ limited
XOPL81 EUROQUARTZ-XOPL81 Datasheet
59Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
XOP90 EUROQUARTZ-XOP90 Datasheet
82Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
XOPL91 EUROQUARTZ-XOPL91 Datasheet
78Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
XOPL53 EUROQUARTZ-XOPL53 Datasheet
74Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
logo
Texas Instruments
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com