Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5065 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD5065
Description  Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5065 Fiches technique(HTML) 4 Page - Analog Devices

  AD5065_15 Datasheet HTML 1Page - Analog Devices AD5065_15 Datasheet HTML 2Page - Analog Devices AD5065_15 Datasheet HTML 3Page - Analog Devices AD5065_15 Datasheet HTML 4Page - Analog Devices AD5065_15 Datasheet HTML 5Page - Analog Devices AD5065_15 Datasheet HTML 6Page - Analog Devices AD5065_15 Datasheet HTML 7Page - Analog Devices AD5065_15 Datasheet HTML 8Page - Analog Devices AD5065_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5025/AD5045/AD5065
Rev. 0 | Page 4 of 28
Parameter
B Grade1
A Grade1, 2
Unit
Conditions/Comments
Min
Typ
Max
Min
Typ
Max
LOGIC INPUTS
Input Current5
±1
±1
μA
Input Low Voltage, VINL
0.8
0.8
V
Input High Voltage, VINH
2.2
2.2
V
Pin Capacitance4
4
4
pF
LOGIC OUTPUTS (SDO)3, 4
Output Low Voltage, VOL
0.4
0.4
V
ISINK = 2 mA
Output High Voltage, VOH
VDD − 1
VDD − 1
ISOURCE = 2 mA
High Impedance Leakage
Current4
±0.002
±1
±0.002
±1
μA
High Impedance Output
Capacitance
7
7
pF
POWER REQUIREMENTS
VDD
4.5
5.5
4.5
5.5
V
IDD6
DAC active, excludes load current
Normal Mode
2.2
2.7
2.2
2.7
mA
VIH = VDD and VIL = GND
All Power-Down Modes7
0.4
2
0.4
2
μA
TA = −40°C to +105°C
30
30
μA
TA = −40°C to +125°C
1 Temperature range is −40°C to +125°C, typical at 25°C.
2 A grade offered in AD5065 only.
3 Linearity calculated using a reduced code range—AD5065: Code 512 to Code 65,024; AD5045: Code 128 to Code 16,256; AD5025: Code 32 to Code 4064. Output
unloaded.
4 Guaranteed by design and characterization; not production tested.
5 Current flowing into or out of individual digital pins.
6 Interface inactive. All DACs active. DAC outputs unloaded.
7 Both DACs powered down.
AC CHARACTERISTICS
VDD = 4.5 V to 5.5 V, RL = 5 kΩ to GND, CL = 200 pF to GND, 2.5 V ≤ VREFIN ≤ VDD. All specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter1
Min
Typ
Max
Unit
Conditions/Comments2
Output Voltage Settling Time
5.8
8
μs
¼ to ¾ scale settling to ±1 LSB, RL = 5 kΩ single-channel update
including DAC calibration sequence
Output Voltage Settling Time
10.7
13
μs
¼ to ¾ scale settling to ±1 LSB, RL = 5 kΩ all channel update including
DAC calibration sequence
Slew Rate
1.5
V/μs
Digital-to-Analog Glitch Impulse3
4
nV-sec
1 LSB change around major carry
Reference Feedthrough3
−90
dB
VREF = 3 V ± 0.86 V p-p, frequency = 100 Hz to 100 kHz
SDO Feedthrough
0.07
nV-sec
Daisy-chain mode; SDO load is 10 pF
Digital Feedthrough3
0.1
nV-sec
Digital Crosstalk3
1.9
nV-sec
Analog Crosstalk3
1.2
nV-sec
DAC-to-DAC Crosstalk3
2.1
nV-sec
Multiplying Bandwidth3
340
kHz
VREF = 3 V ± 0.86 V p-p
Total Harmonic Distortion3
−80
dB
VREF = 3 V ± 0.86 V p-p, frequency = 10 kHz
Output Noise Spectral Density
64
nV/√Hz
DAC code = 0x8400, 1 kHz
60
nV/√Hz
DAC code = 0x8400, 10 kHz
Output Noise
6
μV p-p
0.1 Hz to 10 Hz
1 Guaranteed by design and characterization; not production tested.
2 Temperature range is −40°C to + 125°C, typical at 25°C.
3 See the Terminology section.


Numéro de pièce similaire - AD5065_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD50651 AD-AD50651 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5065ARUZ AD-AD5065ARUZ Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5065ARUZ AD-AD5065ARUZ Datasheet
1Mb / 25P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface
AD5065ARUZ-REEL7 AD-AD5065ARUZ-REEL7 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5065ARUZ-REEL7 AD-AD5065ARUZ-REEL7 Datasheet
1Mb / 25P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface
More results

Description similaire - AD5065_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5025 AD-AD5025_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5025 AD-AD5025_08 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5045 AD-AD5045_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5064BRUZ-1 AD-AD5064BRUZ-1 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5064 AD-AD5064_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5044 AD-AD5044_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
REV. 0
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5025 AD-AD5025 Datasheet
1Mb / 33P
   Fully Accurate 12-/14-/16-Bit VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com