Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5063 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD5063
Description  Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5063 Fiches technique(HTML) 1 Page - Analog Devices

  AD5063_15 Datasheet HTML 1Page - Analog Devices AD5063_15 Datasheet HTML 2Page - Analog Devices AD5063_15 Datasheet HTML 3Page - Analog Devices AD5063_15 Datasheet HTML 4Page - Analog Devices AD5063_15 Datasheet HTML 5Page - Analog Devices AD5063_15 Datasheet HTML 6Page - Analog Devices AD5063_15 Datasheet HTML 7Page - Analog Devices AD5063_15 Datasheet HTML 8Page - Analog Devices AD5063_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Fully Accurate 16-Bit VOUT nanoDAC
SPI Interface 2.7 V to 5.5 V in an MSOP
AD5063
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005–2009 Analog Devices, Inc. All rights reserved.
FEATURES
Single 16-bit DAC, 1 LSB INL
Power-on reset to midscale
Guaranteed monotonic by design
3 power-down functions
Low power serial interface with Schmitt-triggered inputs
10-lead MSOP, low power
Fast settling time of 1 μs maximum (AD5063-1 model)
2.7 V to 5.5 V power supply
Low glitch on power-up
Unbuffered voltage capable of driving 60 kΩ load
SYNC interrupt facility
APPLICATIONS
Process control
Data acquisition systems
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Programmable attenuators
FUNCTIONAL BLOCK DIAGRAM
AD5063
VDD
VOUT
VREF
POWER-ON
RESET
DAC
REGISTER
DAC
INPUT
CONTROL
LOGIC
POWER-DOWN
CONTROL LOGIC
RESISTOR
NETWORK
REF(+)
SCLK
DIN
SYNC
DACGND
BUF
AGND
RFB
INV
Figure 1.
Table 1. Related Devices
Part No.
Description
AD5061
2.7 V to 5.5 V, 16-bit nanoDAC D/A,
4 LSBs INL, SOT-23.
AD5062
2.7 V to 5.5 V, 16-bit nanoDAC D/A,
1 LSB INL, SOT-23.
AD5040/AD5060
2.7 V to 5.5 V, 14-/16-bit nanoDAC D/A,
1 LSB INL, SOT-23.
GENERAL DESCRIPTION
The AD5063, a member of ADI’s nanoDAC™ family, is a low
power, single 16-bit, unbuffered voltage-output DAC that operates
from a single 2.7 V to 5 V supply. The part offers a relative
accuracy specification of ±1 LSB, and operation is guaranteed
monotonic with a ±1 LSB DNL specification. The AD5063
comes with on-board resistors in a 10-lead MSOP, allowing
bipolar signals to be generated with an output amplifier. The
part uses a versatile 3-wire serial interface that operates at
clock rates up to 30 MHz and that is compatible with standard
SPI®, QSPI™, MICROWIRE™, and DSP interface standards. The
reference for the AD5063 is supplied from an external VREF pin.
A reference buffer is also provided on-chip. The part incor-
porates a power-on reset circuit that ensures the DAC output
powers up to midscale and remains there until a valid write to
the device takes place. The part contains a power-down feature
that reduces the current consumption of the device to typically
300 nA at 5 V and provides software-selectable output loads
while in power-down mode. The part is put into power-down
mode via the serial interface. Total unadjusted error for the part
is <1 mV.
This part exhibits very low glitch on power-up.
PRODUCT HIGHLIGHTS
Available in 10-lead MSOP.
16-bit accurate, 1 LSB INL.
Low glitch on power-up.
High speed serial interface with clock speeds up to 30 MHz.
Three power-down modes available to the user.


Numéro de pièce similaire - AD5063_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD50631 AD-AD50631 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5063BRM-1 AD-AD5063BRM-1 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5063BRMZ-1-REEL71 AD-AD5063BRMZ-1-REEL71 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5063BRMZ-11 AD-AD5063BRMZ-11 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5063BRMZ-REEL71 AD-AD5063BRMZ-REEL71 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
More results

Description similaire - AD5063_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5063 AD-AD5063_09 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5062 AD-AD5062_15 Datasheet
464Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060 AD-AD5060_15 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5040 AD-AD5040_15 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060ARJZ-1500RL7 AD-AD5060ARJZ-1500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060BRJZ-1500RL7 AD-AD5060BRJZ-1500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5066BRUZ AD-AD5066BRUZ Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5064 AD-AD5064_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com