Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5062 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD5062
Description  Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5062 Fiches technique(HTML) 3 Page - Analog Devices

  AD5062_15 Datasheet HTML 1Page - Analog Devices AD5062_15 Datasheet HTML 2Page - Analog Devices AD5062_15 Datasheet HTML 3Page - Analog Devices AD5062_15 Datasheet HTML 4Page - Analog Devices AD5062_15 Datasheet HTML 5Page - Analog Devices AD5062_15 Datasheet HTML 6Page - Analog Devices AD5062_15 Datasheet HTML 7Page - Analog Devices AD5062_15 Datasheet HTML 8Page - Analog Devices AD5062_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD5062
Rev. A | Page 3 of 20
SPECIFICATIONS
VDD = 5.5 V, VREF = 4.096 V, RL = Unloaded, CL = 22 pF to GND; TMIN to TMAX, unless otherwise noted.
Table 2.
A,B Grade1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE
Resolution
16
Bits
Relative Accuracy (INL)2
±0.5
±1
LSB
−40°C to +85°C, B grade
±0.5
±2
−40°C to +85°C, A grade
Total Unadjusted Error (TUE)
±500
±800
μV
−40°C to +85°C, B grade
±500
±800
−40°C to +85°C, A grade
Differential Nonlinearity (DNL)
±0.5
±1
LSB
Guaranteed monotonic
−40°C to +85°C, B grade
±0.5
±1
Guaranteed monotonic
−40°C to +85°C, A grade
Gain Error
±0.01
±0.02
% of FSR
TA = −40°C to +85°C B grade
±0.01
±0.02
TA = −40°C to +85°C A grade
Gain Error Temperature Coefficient
1
ppm of FSR/°C
Offset Error
±0.025
±0. 05
mV
TA = −40°C to + 85°C, B grade
±0.025
±0. 05
TA = −40°C to + 85°C, A grade
Offset Error Temperature Coefficient
0.5
μV/°C
Full-Scale Error
±500
±800
μV
All 1s loaded to DAC register, B grade
TA = −40°C to +85°C
±500
±800
All 1s loaded to DAC register, A grade
TA = −40°C to +85°C
OUTPUT CHARACTERISTICS3
Output Voltage Range
0
VREF
V
Unipolar operation
Output Voltage Settling Time
4
μs
¼ scale to ¾ scale code transition to
±1LSB.
Output Noise Spectral Density
24
nV/
√Hz
DAC code = midscale, 1 kHz
Output Voltage Noise
6
μV p-p
DAC code = midscale, 0.1 to 10 Hz
bandwidth
Digital-to-Analog Glitch Impulse
2
nV-s
1 LSB change around major carry
Digital Feedthrough
0.1
nV-s
DC Output Impedance (Normal)
8
Output impedance tolerance ±20%
DC Output Impedance (Power-Down)
(Output Connected to 1 kΩ Network)
1
Output impedance tolerance ±20%
(Output Connected to 100 kΩ Network)
100
Output impedance tolerance ±20%
REFERENCE INPUT/ OUTPUT
VREF Input Range2
2
VDD − 50
mV
Input Current (Power-Down)
±0.1
μA
Zero-scale loaded
Input Current (Normal)
±0. 5
μA
DC Input Impedance
1
M
Ω
Bipolar/unipolar operation
LOGIC INPUTS
Input Current4
±1
±2
μA
VIL, Input Low Voltage
0.8
V
VDD = 4.5 V to 5.5 V
0.8
VDD = 2.7 V to 3.6 V
VIH, Input High Voltage
2.0
V
VDD = 2.7 V to 5.5 V
1.8
VDD = 2.7 V to 3.6 V
Pin Capacitance
4
pF


Numéro de pièce similaire - AD5062_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD50621 AD-AD50621 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5062BRJ-1 AD-AD5062BRJ-1 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5062BRJ-2 AD-AD5062BRJ-2 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5062BRJ-3 AD-AD5062BRJ-3 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
More results

Description similaire - AD5062_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5060 AD-AD5060_15 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5040 AD-AD5040_15 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060ARJZ-1500RL7 AD-AD5060ARJZ-1500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060BRJZ-1500RL7 AD-AD5060BRJZ-1500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5063 AD-AD5063_09 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5063 AD-AD5063_15 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5066BRUZ AD-AD5066BRUZ Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5064 AD-AD5064_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com