Moteur de recherche de fiches techniques de composants électroniques |
|
AD5044 Fiches technique(PDF) 8 Page - Analog Devices |
|
AD5044 Fiches technique(HTML) 8 Page - Analog Devices |
8 / 28 page AD5024/AD5044/AD5064 Data Sheet Rev. F | Page 8 of 28 PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS POR VOUTC VOUTA VREFIN DIN GND VOUTB VOUTD SDO SCLK CLR VDD LDAC SYNC TOP VIEW (Not to Scale) 1 2 3 4 5 6 7 AD5064-1 14 13 12 11 10 9 8 Figure 6. 14-Lead TSSOP (RU-14) Table 6. Pin Function Descriptions Pin No. Mnemonic Description 1 LDAC LDAC can be operated in two modes, asynchronously and synchronously, as shown in Figure 4. Pulsing this pin low allows any or all DAC registers to be updated if the input registers have new data. This allows all DAC outputs to simultaneously update. This pin can also be tied permanently low in standalone mode. When daisy-chain mode is enabled, this pin cannot be tied permanently low; the LDAC pin should be used in asynchronous LDAC update mode, as shown in Figure 5, and the LDAC pin must be brought high after pulsing. 2 SYNC Active Low Control Input. This is the frame synchronization signal for the input data. When SYNC goes low, it powers on the SCLK and DIN buffers and enables the shift register. Data is transferred in on the falling edges of the next 32 clocks. If SYNC is taken high before the 32nd falling edge, the rising edge of SYNC acts as an interrupt and the write sequence is ignored by the device. 3 VDD Power Supply Input. These parts can be operated from 4.5 V to 5.5 V, and the supply should be decoupled with a 10 μF capacitor in parallel with a 0.1 μF capacitor to GND. 4 VOUTA Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation. 5 VOUTC Analog Output Voltage from DAC C. The output amplifier has rail-to-rail operation. 6 POR Power-On Reset Pin. Tying this pin to GND powers up all four DACs to zero scale. Tying this pin to VDD powers up all four DACs to midscale. 7 VREFIN This is a common pin for reference input for DAC A, DAC B, DAC C, and DAC D. 8 SDO Serial Data Output. Can be used to daisy-chain a number of AD5064-1 devices together. The serial data is transferred on the rising edge of SCLK and is valid on the falling edge of the clock. 9 CLR Asynchronous Clear Input. The CLR input is falling edge sensitive. When CLR is low, all LDAC pulses are ignored. When CLR is activated, the input register and the DAC register are updated with the data contained in the clear code register—zero, midscale, or full scale. Default setting clears the output to 0 V. 10 VOUTD Analog Output Voltage from DAC D. The output amplifier has rail-to-rail operation. 11 VOUTB Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation. 12 GND Ground Reference Point for All Circuitry on the Part. 13 DIN Serial Data Input. This device has a 32-bit shift register. Data is clocked into the shift register on the falling edge of the serial clock input. 14 SCLK Serial Clock Input. Data is clocked into the shift register on the falling edge of the serial clock input. Data can be transferred at rates of up to 50 MHz. |
Numéro de pièce similaire - AD5044_15 |
|
Description similaire - AD5044_15 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |