Moteur de recherche de fiches techniques de composants électroniques |
|
AD5044 Fiches technique(PDF) 4 Page - Analog Devices |
|
AD5044 Fiches technique(HTML) 4 Page - Analog Devices |
4 / 28 page AD5024/AD5044/AD5064 Data Sheet Rev. F | Page 4 of 28 Parameter B Grade1 A Grade1, 2 Unit Conditions/Comments Min Typ Max Min Typ Max LOGIC OUTPUTS (SDO)9 Output Low Voltage, VOL 0.4 0.4 V ISINK = 2 mA Output High Voltage, VOH VDD − 1 VDD − 1 ISOURCE = 2 mA High Impedance Leakage Current ±0.002 ±1 ±0.002 ±1 μA High Impedance Output Capacitance6 7 7 pF POWER REQUIREMENTS VDD 4.5 5.5 4.5 5.5 V DAC active, excludes load current IDD10 VIH = VDD, VIL = GND, Code = midscale Normal Mode 4 6 4 6 mA All Power-Down Modes11 0.4 2 0.4 2 µA TA = −40°C to +105°C 30 30 µA TA = −40°C to +125°C 1 Temperature range is −40°C to +125°C, typical at 25°C. 2 A grade offered in AD5064 only. 3 Linearity and total unadjusted error are calculated using a reduced code range—AD5064/AD5064-1: Code 512 to Code 65,024; AD5044: Code 128 to Code 16,256; AD5024: Code 32 to Code 4064. Output unloaded. 4 See the Terminology section. 5 Offset error calculated using a reduced code range—AD5064/AD5064-1: Code 512 to Code 65,024; AD5044: Code 128 to Code 16,256; AD5024: Code 32 to Code 4064. Output unloaded 6 Guaranteed by design and characterization; not production tested. 7 Time to exit power-down mode to normal mode; 32nd clock edge to 90% of DAC midscale value, output unloaded. 8 Current flowing into individual digital pins. VDD = 5.5 V; VREF = 4.096 V; Code = midscale. 9 AD5064-1 only. 10 Interface inactive. All DACs active. DAC outputs unloaded. 11 All four DACs powered down. AC CHARACTERISTICS VDD = 4.5 V to 5.5 V, RL = 5 kΩ to GND, CL = 200 pF to GND, 2.5 V ≤ VREFIN ≤ VDD. All specifications TMIN to TMAX, unless otherwise noted. Table 3. Parameter1, 2 Min Typ Max Unit Conditions/Comments3 Output Voltage Settling Time 5.8 8 µs ¼ to ¾ scale and ¾ to ¼ scale settling to ±1 LSB, RL = 5 kΩ, single-channel update 10.7 13 µs ¼ to ¾ scale and ¾ to ¼ scale settling to ±1 LSB, RL = 5 kΩ, all channel update Slew Rate 1.5 V/µs Digital-to-Analog Glitch Impulse 3 nV-sec 1 LSB change around major carry Reference Feedthrough −90 dB VREF = 3 V ± 0.86 V p-p, frequency = 100 Hz to 100 kHz Digital Feedthrough 0.1 nV-sec Digital Crosstalk 1.9 nV-sec Analog Crosstalk 2 nV-sec DAC-to-DAC Crosstalk 3.5 nV-sec AC Crosstalk 6 nV-sec Multiplying Bandwidth 340 kHz VREF = 3 V ± 0.86 V p-p Total Harmonic Distortion −80 dB VREF = 3 V ± 0.2 V p-p, frequency = 10 kHz Output Noise Spectral Density 64 nV/√Hz DAC code = 0x8400, frequency = 1 kHz 60 nV/√Hz DAC code = 0x8400, frequency = 10 kHz Output Noise 6 μV p-p 0.1 Hz to 10 Hz 1 Guaranteed by design and characterization; not production tested. 2 See the Terminology section. 3 Temperature range is −40°C to +125°C, typical at 25°C. |
Numéro de pièce similaire - AD5044_15 |
|
Description similaire - AD5044_15 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |