Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5040 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD5040
Description  Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5040 Fiches technique(HTML) 3 Page - Analog Devices

  AD5040_15 Datasheet HTML 1Page - Analog Devices AD5040_15 Datasheet HTML 2Page - Analog Devices AD5040_15 Datasheet HTML 3Page - Analog Devices AD5040_15 Datasheet HTML 4Page - Analog Devices AD5040_15 Datasheet HTML 5Page - Analog Devices AD5040_15 Datasheet HTML 6Page - Analog Devices AD5040_15 Datasheet HTML 7Page - Analog Devices AD5040_15 Datasheet HTML 8Page - Analog Devices AD5040_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD5040/AD5060
Rev. A | Page 3 of 24
SPECIFICATIONS
VDD = 5.5 V, VREF = 4.096 V @ RL = unloaded, CL = unloaded; TMIN to TMAX, unless otherwise noted.
Table 2.
A, B, and Y Grades1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE
Resolution
16
Bits
AD5060
14
Bits
AD5040
Relative Accuracy (INL)2
±0.5
±2
LSB
−40°C to +85°C, AD5040/AD5060 A grade
±0.5
±1
LSB
−40°C to +85°C, AD5040/AD5060 B grade
±0.5
±1.5
−40°C to +125°C, AD5060 Y grade
Total Unadjusted Error (TUE)2
±0.1
±2.0
mV
−40°C to +85°C, AD5040/AD5060
±0.1
±2.0
−40°C to +125°C, AD5060 Y grade
Differential Nonlinearity (DNL)2
±0.5
±1
LSB
Guaranteed monotonic,
−40°C to +85°C, AD5040/AD5060
±0.5
±1
Guaranteed monotonic,
−40°C to +125°C, Y grade
Gain Error
±0.01
±0.02
% of FSR
TA = −40°C to +85°C, AD5040/AD5060
±0.01
±0.03
TA = −40°C to +125°C AD5060 Y grade
Gain Error Temperature Coefficient
1
ppm of FSR/°C
Offset Error
±0.02
±1.5
mV
TA = −40°C to + 85°C, AD5040/AD5060
±0.02
±2.0
TA = −40°C to + 125°C, AD5060 Y grade
Offset Error Temperature Coefficient
0.5
μV/°C
Full-Scale Error
±0.05
±2.0
mV
All 1s loaded to DAC register,
AD5040 AD5060; TA = −40°C to +85°C
±0.05
±2.0
All 1s loaded to DAC register,
TA = −40°C to +125°C, AD5060 Y grade
OUTPUT CHARACTERISTICS3
Output Voltage Range
0
VREF
V
Output Voltage Settling Time
4
μs
¼ scale to ¾ scale code transition to
±1 LSB, RL = 5 kΩ
Output Noise Spectral Density
64
nV/
√Hz
DAC code = midscale, 1 kHz
Output Voltage Noise
6
μV p-p
DAC code = midscale , 0.1 Hz to 10 Hz
bandwidth
Digital-to-Analog Glitch Impulse
2
nV-s
1 LSB change around code 57386,
RL = 5 kΩ, CL = 200 pF
Digital Feedthrough
0. 003
nV-s
DAC code = full scale
DC Output Impedance (Normal)
0. 015
Ω
Output impedance tolerance ±10%
DC Output Impedance (Power-Down)
(Output Connected to 1 kΩ Network)4
1
Output impedance tolerance ±400 Ω
(Output Connected to 100 kΩ
Network)
100
Output impedance tolerance ±20 kΩ
Capacitive Load Stability
1
nF
Loads used RL = 5 kΩ, RL = 100 kΩ, RL = ∞
Slew Rate
1. 2
V/μs
¼ scale to ¾ scale code transition to
±1 LSB, RL = 5 kΩ, CL = 200 pF
Short-Circuit Current
60
ma
DAC code = full scale, output shorted to
GND, TA = 25°C
45
DAC code = zero scale, output shorted to
VDD, TA = 25°C
DAC Power-Up Time
4.5
μs
Time to exit power-down mode to normal
mode of AD5060, 24th clock edge to 90%
of DAC final value, output unloaded
DC Power Supply Rejection Ratio
−92.11
db
VDD ± 10%, DAC code = full scale


Numéro de pièce similaire - AD5040_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5040BRJZ-500RL7 AD-AD5040BRJZ-500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5040BRJZ-REEL7 AD-AD5040BRJZ-REEL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
More results

Description similaire - AD5040_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5060 AD-AD5060_15 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060ARJZ-1500RL7 AD-AD5060ARJZ-1500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060BRJZ-1500RL7 AD-AD5060BRJZ-1500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5062 AD-AD5062_15 Datasheet
464Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5063 AD-AD5063_09 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5063 AD-AD5063_15 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5066BRUZ AD-AD5066BRUZ Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5064 AD-AD5064_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com