Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5040 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD5040
Description  Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5040 Fiches technique(HTML) 4 Page - Analog Devices

  AD5040_15 Datasheet HTML 1Page - Analog Devices AD5040_15 Datasheet HTML 2Page - Analog Devices AD5040_15 Datasheet HTML 3Page - Analog Devices AD5040_15 Datasheet HTML 4Page - Analog Devices AD5040_15 Datasheet HTML 5Page - Analog Devices AD5040_15 Datasheet HTML 6Page - Analog Devices AD5040_15 Datasheet HTML 7Page - Analog Devices AD5040_15 Datasheet HTML 8Page - Analog Devices AD5040_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5040/AD5060
Rev. A | Page 4 of 24
A, B, and Y Grades1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Wideband Spurious-Free Dynamic
Range (SFDR)
−67
db
Output frequency = 10 kHz
REFERENCE INPUT/OUTPUT
VREF Input Range5
2
VDD − 50
mV
Input Current (Power-Down)
±0.1
μA
Zero scale loaded
Input Current (Normal)
±0.5
μA
DC Input Impedance
1
LOGIC INPUTS
Input Current6
±1
±2
μA
VIL, Input Low Voltage
0.8
V
VDD = 4.5 V to 5.5 V
0.8
VDD = 2.7 V to 3.6 V
VIH, Input High Voltage
2.0
V
VDD = 2.7 V to 5.5 V
1.8
VDD = 2.7 V to 3.6 V
Pin Capacitance
4
pF
POWER REQUIREMENTS
VDD
2.7
5.5
V
All digital inputs at 0 V or VDD
IDD (Normal Mode)
DAC active and excluding load current
VDD = 2.7 V to 5.5 V
1.0
0. 82
1.2
1. 0
mA
VIN = VDD and VIL = GND, VDD = 5.0 V,
VREF = 4.096 V, code = midscale
VIN = VDD and VIL = GND, VDD = 3.0 V,
VREF = 2.7 V, code = midscale
IDD (All Power-Down Modes)
VDD = 2.5 V to 5.5 V
0.33
1
μA
VIH = VDD and VIL = GND, VDD = 5.5 V,
VREF = 4.096 V, code = midscale
0.065
VIH = VDD and VIL = GND, VDD = 3.0 V,
VREF = 4.096 V, code = midscale
1 Temperature range for the A and B grades is −40°C to + 85° C, typical at 25°C; temperature range for the Y grade is −40°C to +125°C.
2 Linearity calculated using a reduced code range (160 to code 65535 for AD5060 ) and (40 to code 16383 for AD5040).
3 Guaranteed by design and characterization, not production tested.
4 1 kΩ power-down network not available with the AD5040.
5 The typical output supply headroom performance for various reference voltages at −40°C can be seen in Figure 26.
6 Total current flowing into all pins.


Numéro de pièce similaire - AD5040_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5040BRJZ-500RL7 AD-AD5040BRJZ-500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5040BRJZ-REEL7 AD-AD5040BRJZ-REEL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
More results

Description similaire - AD5040_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5060 AD-AD5060_15 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060ARJZ-1500RL7 AD-AD5060ARJZ-1500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060BRJZ-1500RL7 AD-AD5060BRJZ-1500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5062 AD-AD5062_15 Datasheet
464Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5063 AD-AD5063_09 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5063 AD-AD5063_15 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5066BRUZ AD-AD5066BRUZ Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5064 AD-AD5064_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com