Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

J37-06FMH-8KL Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce J37-06FMH-8KL
Description  Grade 5 ingress protection of JIS C 0920
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

J37-06FMH-8KL Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  J37-06FMH-8KL Datasheet HTML 1Page - List of Unclassifed Manufacturers J37-06FMH-8KL Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
JFA CONNECTOR/J1700/2700/3700 SERIES
C
B
A
2.0
J17-06FMH-6KL-1S-CF
J17-06FMH-6KL-1M-CF
J17-06FMH-7KL-1S-CF
J17-06FMH-7KL-1M-CF
J27-06FMH-6KL-1S-CF
J27-06FMH-6KL-1M-CF
J27-06FMH-7KL-1S-CF
J27-06FMH-7KL-1M-CF
J37-06FMH-8KL-1S-CF
J37-06FMH-8KL-1M-CF
J37-06FMH-8KL-1L-CF
J37-06FMH-9KL-1S-CF
J37-06FMH-9KL-1M-CF
J37-06FMH-9KL-1L-CF
J1700
2.5
J2700
3.8
J3700
6.0
6.0
7.0
7.0
6.0
6.0
7.0
7.0
8.0
8.0
8.0
9.0
9.0
9.0
S
M
S
M
S
M
S
M
S
M
L
S
M
L
Series
Model No.
Nominal
Pitch
(mm)
Cable finished
diameter
(mm)
J17 - 06 FMH - 6 K L - 1S - CF
Series name:
No. of circuts: 6
Type of connector: Receptacle housing
Color indication: K...Black
Packaging form: Tray for kit
Receptacle contact size : S , M , L
Hexavalent chromium free
Cable insulation O.D.:
J17...J1700 Series
J27...J2700 Series
J37...J3700 Series
J1700 Series...6.0, 7.0
J2700 Series...6.0, 7.0
J3700 Series...8.0, 9.0
Series
J1700
J2700
J3700
Dimensions (mm)
BC
A
16.4
21.0
27.0
12.0
13.0
15.0
20.2
21.2
21.2
SJ1F-002GF-P0.8
SJ1F-01GF-P0.8
28
24
24
20
20
16
0.88
1.43
1.11
1.53
1.11
1.86
1.53
2.50
AWG #
mm2
Nominal
Wire insulation O.D.
(mm)
Applicable wire
J1700 Series
SJ2F-002GF-P1.0
SJ2F-01GF-P1.0
J 2700 Series
SJ3F-002GF-P1.8
SJ3F-01GF-P1.8
SJ3F-41GF-P1.8
J 3700 Series
0.08
0.20
0.20
0.50
0.50
1.25
S
M
L
J1700
J2700
J3700
S
M
S
M
S
M
L
SJ1F-002GF-P0.8
SJ1F-01GF-P0.8
SJ2F-002GF-P1.0
SJ2F-01GF-P1.0
SJ3F-002GF-P1.8
SJ3F-01GF-P1.8
SJ3F-41GF-P1.8
YRS-8831
YRS-8841
YRS-8851
YRS-8861
YRF-882
YRF-881
YRF-880
Series
Nominal
Receptacle contact
Hand crimp tool
Connector kit outer dimension
Receptacle contact
Connector kit model No.
Hand crimping tool
Model number identification
RoHS compliance
RoHS compliance


Numéro de pièce similaire - J37-06FMH-8KL

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
J377 TOSHIBA-J377 Datasheet
411Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive Applications
logo
IDEA.lnc.
J378B IDEA-J378B Datasheet
44Kb / 1P
   T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
More results

Description similaire - J37-06FMH-8KL

FabricantNo de pièceFiches techniqueDescription
logo
Bel Fuse Inc.
ABS601 BEL-ABS601 Datasheet
730Kb / 9P
   Sealed enclosure, IP66/67/68 Ingress Protection grade
MBS601 BEL-MBS601 Datasheet
777Kb / 9P
   Sealed enclosure, IP66/67/68 Ingress Protection grade
logo
Taoglas antenna solutio...
WSA.2400.A.101151 TAOGLAS-WSA.2400.A.101151 Datasheet
1Mb / 23P
   Ingress Protection Rating IP65
GSA.8827.A.101111 TAOGLAS-GSA.8827.A.101111 Datasheet
2Mb / 21P
   Ingress protection rating IP65
logo
Laird Tech Smart Techno...
YF450112 LSTD-YF450112 Datasheet
689Kb / 2P
   The antenna has an ingress protection rating of IP67
logo
Hirose Electric
JR HIROSE-JR_18 Datasheet
555Kb / 8P
   Circular Connectors Conforming to JIS C 5432
logo
NEC
UPD16681A NEC-UPD16681A Datasheet
909Kb / 31P
   LCD CONTROLLER/DRIVER FOR DOT MATRIX DISPLAY OF JIS LEVEL 1 AND JIS LEVEL 2 KANJI SETS
logo
Renesas Technology Corp
PD16681A RENESAS-PD16681A_15 Datasheet
1Mb / 58P
   LCD CONTROLLER/DRIVER FOR DOT MATRIX DISPLAY OF JIS LEVEL 1 AND JIS LEVEL 2 KANJI SETS
logo
Lumberg
WKLS2 LUMBERG-WKLS2 Datasheet
86Kb / 1P
   Jack connectors according to JIS C 6560, 3.5 mm
logo
NEC
UPD16681 NEC-UPD16681 Datasheet
906Kb / 56P
   LCD CONTROLLER/DRIVER FOR DOT MATRIX DISPLAY OF JIS LEVEL 1 AND JIS LEVEL 2 KANJI SETS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com