Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD1986 Datasheet(Fiches technique) 1 Page - Analog Devices

Numéro de pièce AD1986
Description  AC 97 SoundMAX CODEC
Télécharger  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1986 Datasheet(HTML) 1 Page - Analog Devices

  AD1986_15 Datasheet HTML 1Page - Analog Devices AD1986_15 Datenblatt HTML 2Page - Analog Devices AD1986_15 Datenblatt HTML 3Page - Analog Devices AD1986_15 Datenblatt HTML 4Page - Analog Devices AD1986_15 Datenblatt HTML 5Page - Analog Devices AD1986_15 Datenblatt HTML 6Page - Analog Devices AD1986_15 Datenblatt HTML 7Page - Analog Devices AD1986_15 Datenblatt HTML 8Page - Analog Devices AD1986_15 Datenblatt HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
AC ’97 SoundMAX CODEC
AD1986
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
AC `97 2.3 COMPLIANT FEATURES
6 DAC channels for 5.1 surround
S/PDIF output
Integrated headphone amplifiers
Variable rate audio
Double rate audio (Fs = 96 kHz)
Greater than 90 dB dynamic range
20-bit resolution on all DACs
20-bit resolution on all ADCs
Line-level mono phone input
High quality CD input
Selectable MIC input w/preamp
AUX and line-in stereo inputs
External amplifier power down (EAPD)
Power management modes
Jack sensing and device identification
48-pin LQFP package
ENHANCED FEATURES
Integrated parametric equalizer
Stereo microphone with up to 30 dB gain boost
Integrated PLL for system clocking
Variable sample rate: 7 kHz to 96 kHz
7 kHz to 48 kHz in 1 Hz increments
96 kHz for double rate audio
Jack sense with auto topology switching
Jack presence detection on up to 8 jacks
Three software-controlled VREF_OUT signals
Software-enabled outputs for jack sharing
Auto-down mix and channel spreading
Microphone-to-mono output
Stereo microphone pass-through to mixer
Built-in microphone/center/LFE/line-in sharing
Built-in SURROUND/LINE_IN sharing
Center/LFE line swapping
Microphone swapping
Reduced support component count
General purpose digital output pin (GPO)
Separate LINE_OUT and HP_OUT pins
Headphone drivers on LINE_OUT and HP_OUT pins
Independent headphone/LINE_OUT operation


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn