Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD1959 Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD1959
Description  PLL/Multibit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1959 Fiches technique(HTML) 2 Page - Analog Devices

  AD1959_15 Datasheet HTML 1Page - Analog Devices AD1959_15 Datasheet HTML 2Page - Analog Devices AD1959_15 Datasheet HTML 3Page - Analog Devices AD1959_15 Datasheet HTML 4Page - Analog Devices AD1959_15 Datasheet HTML 5Page - Analog Devices AD1959_15 Datasheet HTML 6Page - Analog Devices AD1959_15 Datasheet HTML 7Page - Analog Devices AD1959_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. 0
–2–
AD1959–SPECIFICATIONS
TEST CONDITIONS UNLESS OTHERWISE NOTED
Supply Voltages (AVDD, DVDD) 5.0 V
Ambient Temperature
25
°C
Input Clock
12.288 MHz
Input Signal
996.11 Hz
–0.5 dB Full Scale
Input Sample Rate
48 kHz
Measurement Bandwidth
20 Hz to 20 kHz
Word Width
20 Bits
Load Capacitance
100 pF
Load Impedance
47 k
Input Voltage HI
3.5 V
Input Voltage LO
0.8 V
ANALOG PERFORMANCE
Min
Typ
Max
Unit
Resolution
24
Bits
Signal-to-Noise Ratio (20 Hz to 20 kHz)
No Filter (Stereo)
105
dB
With A-Weighted Filter (Stereo)
108
dB
Dynamic Range (20 Hz to 20 kHz, –60 dB Input)
No Filter (Stereo)
105
dB
With A-Weighted Filter (Stereo)
101
108
dB
Total Harmonic Distortion + Noise (Stereo)
–94
–91
dB
PLL Performance
Master Clock Input Frequency
27
MHz
Generated System Clocks
SCLK0
33.8688
MHz
SCLK1
12.288
MHz
SCLK2
22.5792
MHz
Jitter (SCLK0 and SCLK1)
85
125
ps rms
Analog Outputs
Single-Ended Output Range (
±Full Scale)
3.17
V p-p
Output Capacitance at Each Output Pin
2
pF
VREF (FILTR)
2.34
2.39
2.44
V
Gain Error
–5
±2.0
+5
%
Interchannel Gain Mismatch
–0.15
±0.015
+0.15
dB
Gain Drift
150
250
ppm/
°C
DC Offset
–25
–5
+15
mV
Out-of-Band Energy (0.5
× f
S to 100 kHz)
–90
dB
Interchannel Crosstalk (EIAJ Method)
–120
dB
Interchannel Phase Deviation
±0.1
Degrees
De-Emphasis Gain Error
±0.1
dB
NOTES
Performance of right and left channels is identical (exclusive of the Interchannel Gain Mismatch and Interchannel Phase Deviation specifications).
Specifications subject to change without notice.
DIGITAL I/O (–40
°C to +105°C )
Min
Typ
Max
Unit
Input Voltage HI (VIH) Except XIN
2.2
V
Input Voltage HI (VIH) XIN
2.7
V
Input Voltage LO (VIL)
0.8
V
Input Leakage (IIH @ VIH = 2.4 V)
10
µA
Input Leakage (IIL @ VIL = 0.8 V)
10
µA
High Level Output Voltage (VOH) IOH = 1 mA
2.0
V
Low Level Output Voltage (VOL) IOL = 1 mA Except XOUT
0.4
V
Low Level Output Voltage (VOL) IOL = 1 mA XOUT
1.2
V
Input Capacitance
20
pF
Specifications subject to change without notice.


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn