Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD1959 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD1959
Description  PLL/Multibit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1959 Fiches technique(HTML) 4 Page - Analog Devices

  AD1959_15 Datasheet HTML 1Page - Analog Devices AD1959_15 Datasheet HTML 2Page - Analog Devices AD1959_15 Datasheet HTML 3Page - Analog Devices AD1959_15 Datasheet HTML 4Page - Analog Devices AD1959_15 Datasheet HTML 5Page - Analog Devices AD1959_15 Datasheet HTML 6Page - Analog Devices AD1959_15 Datasheet HTML 7Page - Analog Devices AD1959_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. 0
AD1959
–4–
ABSOLUTE MAXIMUM RATINGS
*
DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
AVDD to DGND . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
Digital Inputs . . . . . . . . . . DGND – 0.3 V to DVDD + 0.3 V
Analog Inputs . . . . . . . . . . AGND – 0.3 V to AVDD + 0.3 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . –0.3 V to + 0.3 V
Reference Voltage . . . . . . . . . . . . . . . . . . . . . (AVDD + 0.3)/2
Soldering (10 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
PACKAGE CHARACTERISTICS
θJA (Thermal Resistance) Junction-to-Ambient
109.0
°C/W Typ (2-Layer Board)
θ
JA (Thermal Resistance) Junction-to-Ambient
78.58
°C/W Typ (4-Layer Board—2 Signal, 2 Planes)
θJA (Thermal Resistance) Junction-to-Case
39.0
°C/W Typ
ORDERING GUIDE
Model
Temperature
Package Description
Package Option
AD1959YRS
–40
°C to +105 °C
28-Lead Small Outline Package
RS-28
AD1959YRSRL
–40
°C to +105 °C
28-Lead Small Outline Package
RS-28 on 13" Reels
EVAL-AD1959EB
Evaluation Board
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD1959
SCLK2
SCLK1
XIN
XOUT
MCLK
SCLK0
DGND
CCLK
CLATCH
RESET
LRCLK
DVDD
SDATA
BCLK
PVDD
PGND
LF0
LF1
AGND0
OUTR
FLTR
CDATA
MUTE
ZERO
FILTB
AGND1
OUTL
AVDD
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD1959 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn