Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1887 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD1887
Description  AC 97 SoundMAX Codec
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1887 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD1887_15 Datasheet HTML 3Page - Analog Devices AD1887_15 Datasheet HTML 4Page - Analog Devices AD1887_15 Datasheet HTML 5Page - Analog Devices AD1887_15 Datasheet HTML 6Page - Analog Devices AD1887_15 Datasheet HTML 7Page - Analog Devices AD1887_15 Datasheet HTML 8Page - Analog Devices AD1887_15 Datasheet HTML 9Page - Analog Devices AD1887_15 Datasheet HTML 10Page - Analog Devices AD1887_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. 0
AD1887
–7–
PIN FUNCTION DESCRIPTIONS
Digital I/O
Pin Name
TQFP
I/O
Description
XTL_IN
2
I
Crystal (or Clock) Input, 24.576 MHz
XTL_OUT
3
O
Crystal Output
SDATA_OUT
5
I
AC-Link Serial Data Output, AD1887 Input Stream
BIT_CLK
6
O/I
AC-Link Bit Clock 12288 MHz Serial Data Clock Daisy Chain Output Clock
SDATA_IN
8
O
AC-Link Serial Data Input AD1887 Output Stream
SYNC
10
I
AC-Link Frame Sync
RESET
11
I
AC-Link Reset AD1887 Master H/W Reset
Chip Selects
Pin Name
TQFP
Type
Description
ID0
45
I
Chip Select Input 0 (Active Low)
ID1
46
I
Chip Select Input 1 (Active Low)
Analog I/O
These signals connect the AD1887 component to analog sources and sinks, including microphones and speakers
Pin Name
TQFP
I/O
Description
CD_L
18
I
CD Audio Left Channel
CD_GND_REF
19
I
CD Audio Analog Ground Reference for Differential CD Input
CD_ R
20
I
CD Audio Right Channel
MIC
21
I
Microphone Input
LINE_IN_L
23
I
Line in Left Channel
LINE_IN_R
24
I
Line in Right Channel
HP_OUT_L
39
O
Headphones Out Left Channel
HP_OUT_R
41
O
Headphones Out Right Channel
Filter/Reference
These signals are connected to resistors, capacitors, or specific voltages
Pin Name
TQFP
I/O
Description
VREF
27
O
Voltage Reference Filter
VREFOUT
28
O
Voltage Reference Output 5 mA Drive (Intended for Mic Bias)
AFILT1
29
O
Antialiasing Filter Capacitor—ADC Right Channel
AFLIT2
30
O
Antialiasing Filter Capacitor—ADC Left Channel
FILT_R
31
O
AC-Coupling Filter Capacitor—ADC Right Channel
FILT_L
32
O
AC-Coupling Filter Capacitor—ADC Left Channel
Power and Ground Signals
Pin Name
TQFP
Type
Description
DVDD1
1
I
Digital VDD 33 V
DVSS1
4
I
Digital GND
DVSS2
7
I
Digital GND
DVDD2
9
I
Digital VDD 33 V
AVDD1
25
I
Analog VDD 50 V
AVSS1
26
I
Analog GND
AVDD2
38
I
Analog VDD 50 V
AVSS2
40
I
Analog GND
AVDD3
43
I
Analog VDD 50 V
AVSS3
44
I
Analog GND


Numéro de pièce similaire - AD1887_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1887JST AD-AD1887JST Datasheet
150Kb / 16P
   AC??7 SoundMAX Codec
REV. 0
More results

Description similaire - AD1887_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
   AC 97 SoundMAX Codec
REV. 0
AD1981BBSTZ AD-AD1981BBSTZ Datasheet
979Kb / 32P
   AC 97 SoundMAX Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com