Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD1871 Datasheet(Fiches technique) 6 Page - Analog Devices

Numéro de pièce AD1871
Description  Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
Télécharger  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1871 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1871_15 Datenblatt HTML 2Page - Analog Devices AD1871_15 Datenblatt HTML 3Page - Analog Devices AD1871_15 Datenblatt HTML 4Page - Analog Devices AD1871_15 Datenblatt HTML 5Page - Analog Devices AD1871_15 Datasheet HTML 6Page - Analog Devices AD1871_15 Datenblatt HTML 7Page - Analog Devices AD1871_15 Datenblatt HTML 8Page - Analog Devices AD1871_15 Datenblatt HTML 9Page - Analog Devices AD1871_15 Datenblatt HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD1871
–6–
REV. 0
DATA INTERFACE TIMING (STANDALONE MODE–SLAVE)
Mnemonic
Description
Min
Typ
Max
Unit
Comment
tBCH
BCLK High Width
30
ns
tBCL
BCLK Low Width
30
ns
tBDSD
DOUT Delay
20
ns
From BCLK Falling
tLRS
LRCLK Setup
10
ns
To BCLK Rising
tLRH
LRCLK Hold
5
ns
From BCLK Rising
tBDSD
BCLK
LRCLK
DOUT
LEFT-JUSTIFIED
MODE
DOUT
RIGHT-JUSTIFIED
MODE
LSB
DOUT
I2S-JUSTIFIED
MODE
tBCH
tDBP
tBCL
MSB
MSB–1
MSB
MSB
8-BIT CLOCKS
(24-BIT DATA)
12-BIT CLOCKS
(20-BIT DATA)
16-BIT CLOCKS
(16-BIT DATA)
tLRS
Figure 3. Slave Data Interface Timing


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn