Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC146805E2P Fiches technique(PDF) 11 Page - InnovASIC, Inc

No de pièce MC146805E2P
Description  Microprocessor Unit
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INNOVASIC [InnovASIC, Inc]
Site Internet  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

MC146805E2P Fiches technique(HTML) 11 Page - InnovASIC, Inc

Back Button MC146805E2P Datasheet HTML 7Page - InnovASIC, Inc MC146805E2P Datasheet HTML 8Page - InnovASIC, Inc MC146805E2P Datasheet HTML 9Page - InnovASIC, Inc MC146805E2P Datasheet HTML 10Page - InnovASIC, Inc MC146805E2P Datasheet HTML 11Page - InnovASIC, Inc MC146805E2P Datasheet HTML 12Page - InnovASIC, Inc MC146805E2P Datasheet HTML 13Page - InnovASIC, Inc MC146805E2P Datasheet HTML 14Page - InnovASIC, Inc MC146805E2P Datasheet HTML 15Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
IA6805E2
Data Sheet
Microprocessor Unit
As of Production Version 00
Copyright
© 2002
ENG21108140100
www.innovasic.com
innovASIC
Customer Support:
The End of Obsolescence
Page 11 of 31
1-888-824-4184
External Interrupt:
If the external interrupt pin irq_n is “low” and the interrupt mask bit of the condition code
register is cleared, the external interrupt occurs. When the interrupt is recognized, the
current state of the machine is pushed onto the stack and the condition code register I-bit
gets set masking further interrupts until the present one is serviced. The program counter is
then loaded with the contents of the interrupt vector, which contains the location of the
interrupt service routine. The contents of $1FFA and $1FFB specify the address for this
service routine. A functional diagram of the external interrupt is shown in Figure 9 and a
mode diagram of the external interrupt is shown in Figure 10. The timing diagram shows
two different treatments of the interrupt line (irq_n) to the processor. The first shows
several interrupt lines “wire ORed” to form the interrupts at the processor. If the interrupt
line (irq_n) remains low after servicing an interrupt, the next interrupt is recognized. The
second shows single pulses on the interrupt line spaced far enough apart to be serviced. The
minimum time between pulses is a function of the length of the interrupt service. After a
pulse occurs, the next pulse should not occur until an RTI has occurred. The time between
pulses (t
ILIL) is obtained by adding 20 instruction cycles to the total number of cycles it takes
to complete the service routine including the RTI instruction.
D
C
Q
Q
R
VDD
INTERRUPT PIN
POWER-ON RESET
EXTERNAL INTERRUPT
BEING SERVICED
EXTERNAL RESET
I BIT (CCR)
EXTERNAL
INTERUPT
REQUEST
Figure 9. Interrupt Functional Diagram


Numéro de pièce similaire - MC146805E2P

FabricantNo de pièceFiches techniqueDescription
logo
InnovASIC, Inc
MC146805E2P INNOVASIC-MC146805E2P Datasheet
344Kb / 33P
   Microprocessor Unit
More results

Description similaire - MC146805E2P

FabricantNo de pièceFiches techniqueDescription
logo
Zilog, Inc.
Z80180 ZILOG-Z80180 Datasheet
1Mb / 124P
   Microprocessor Unit
logo
List of Unclassifed Man...
Z8018006VSG ETC2-Z8018006VSG Datasheet
1,007Kb / 85P
   Microprocessor Unit
logo
Zilog, Inc.
Z8018010FSG ZILOG-Z8018010FSG Datasheet
1,007Kb / 85P
   Microprocessor Unit
logo
InnovASIC, Inc
IA6805E2 INNOVASIC-IA6805E2_07 Datasheet
344Kb / 33P
   Microprocessor Unit
logo
Zilog, Inc.
Z8018010VSG ZILOG-Z8018010VSG Datasheet
1,007Kb / 85P
   Microprocessor Unit
Z8018008VSG ZILOG-Z8018008VSG Datasheet
1,007Kb / 85P
   Microprocessor Unit
Z8018010PSG ZILOG-Z8018010PSG Datasheet
1,007Kb / 85P
   Microprocessor Unit
logo
Raltron Electronics Cor...
A-6.176-18.5 RALTRON-A-6.176-18.5 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-12.000-20 RALTRON-A-12.000-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-25.000-14 RALTRON-A-25.000-14 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com