Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1868 Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD1868
Description  Single Supply Dual 18-Bit Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1868 Fiches technique(HTML) 2 Page - Analog Devices

  AD1868_15 Datasheet HTML 1Page - Analog Devices AD1868_15 Datasheet HTML 2Page - Analog Devices AD1868_15 Datasheet HTML 3Page - Analog Devices AD1868_15 Datasheet HTML 4Page - Analog Devices AD1868_15 Datasheet HTML 5Page - Analog Devices AD1868_15 Datasheet HTML 6Page - Analog Devices AD1868_15 Datasheet HTML 7Page - Analog Devices AD1868_15 Datasheet HTML 8Page - Analog Devices AD1868_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
AD1868–SPECIFICATIONS(typical at T
A = +25 C and +5 V supplies unless otherwise noted)
Min
Typ
Max
Units
RESOLUTION
18
Bit
DIGITAL INPUTS
VIH
2.4
V
VIL
0.8
V
IIH, VIH = VL
1.0
µA
IIL, VIL = DGND
1.0
µA
Maximum Clock Input Frequency
13.5
MHz
ACCURACY
Gain Error
±1
% of FSR
Gain Matching
±1
% of FSR
Midscale Error
±15
mV
Midscale Error Matching
±10
mV
Gain Linearity Error
±3dB
DRIFT (0
°C to +70°C)
Gain Drift
±100
ppm/
°C
Midscale Drift
±100
µV/°C
TOTAL HARMONIC DISTORTION + NOISE
0 dB, 990.5 Hz
AD1868N
0.004
0.008
%
AD1868N-J
0.004
0.006
%
–20 dB, 990.5 Hz
AD1868N
0.020
0.08
%
AD1868N-J
0.020
0.08
%
–60 dB, 990.5 Hz
AD1868N
2.0
5.0
%
AD1868N-J
2.0
5.0
%
CHANNEL SEPARATION 1 kHz, 0 dB
108
NIL*
dB
SIGNAL-TO-NOISE RATIO (with A-Weight Filter)
95
97.5
dB
D-RANGE (with A-Weight Filter)
86
92
dB
OUTPUT
Voltage Output Pins (VOL, VOR)
Output Range (
±3%)
±1V
Output Impedance
0.1
Load Current
±1mA
Bias Voltage Pins (VBL, VBR)
Output Voltage
+2.5
V
Output Impedance
350
POWER SUPPLY
Specification, VL and VS
4.75
5
5.25
V
Operation, VL and VS
3.5
5.25
V
+I, VL and VS = 5 V
10
14
mA
POWER DISSIPATION
50
70
mW
TEMPERATURE RANGE
Specification
0
25
70
°C
Operation
–35
85
°C
Storage
–60
100
°C
*Above 115 dB.
Specifications subject to change without notice.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD1868 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS*
VL to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to 6 V
VS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to 6 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±0.3 V
Digital Inputs to DGND . . . . . . . . . . . . . . . . . . . . . –0.3 to VL
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300
°C, 10 sec
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.


Numéro de pièce similaire - AD1868_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1868N AD-AD1868N Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868N-J AD-AD1868N-J Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868R AD-AD1868R Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868R-J AD-AD1868R-J Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
More results

Description similaire - AD1868_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1868 AD-AD1868 Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1866 AD-AD1866 Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866RZ AD-AD1866RZ Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866 AD-AD1866_15 Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1864 AD-AD1864 Datasheet
302Kb / 12P
   Complete Dual 18-Bit Audio DAC
REV. A
AD1864 AD-AD1864_15 Datasheet
564Kb / 12P
   COMPLETE DUAL 18 BIT AUDIO DAC
REV. A
AD1865 AD-AD1865_15 Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16FS Audio DAC
REV. 0
AD1859 AD-AD1859 Datasheet
302Kb / 16P
   Stereo, Single-Supply 18-Bit Integrated DAC
REV. A
AD1859 AD-AD1859_15 Datasheet
305Kb / 16P
   Stereo, Single-Supply 18-Bit Integrated DAC
REV. A
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com