Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1866 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD1866
Description  Single Supply Dual 16-Bit Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1866 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD1866_15 Datasheet HTML 3Page - Analog Devices AD1866_15 Datasheet HTML 4Page - Analog Devices AD1866_15 Datasheet HTML 5Page - Analog Devices AD1866_15 Datasheet HTML 6Page - Analog Devices AD1866_15 Datasheet HTML 7Page - Analog Devices AD1866_15 Datasheet HTML 8Page - Analog Devices AD1866_15 Datasheet HTML 9Page - Analog Devices AD1866_15 Datasheet HTML 10Page - Analog Devices AD1866_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
+ 5V
+ 5V
+ 5V
FALSE GROUND
(2.5V)
V
O
R
V
O
L
V
O
R
V
O
L
Figure 8a. Schematic Using False Ground
Figure 8a illustrates the traditional approach used to generate
false ground voltages in single supply audio systems. This cir-
cuit requires additional power and circuit board space.
The AD1866 eliminates the need for “false ground” circuitry.
VBR and VBL generate the required bias voltages previously
generated by the “false ground.” As shown in Figure 8b, VBR
and VBL may be used as the reference point in each output
channel. This permits a dc coupled output signal path. This
eliminates ac coupling capacitors and improves low frequency
performance. It should be noted that these bias outputs have
relatively high output impedance and will not drive output cur-
rents larger than 100
µA without degrading the specified
performance.
Analog Circuit Considerations–AD1866
REV. 0
–7–
+5V
+5V
15
14
13
12
11
10
16
9
1
2
3
4
5
6
8
7
NRL
AGND
NRR
AD1866
LL
DL
CLK
DR
LR
DGND
V
O
L
V
O
R
V
O
R
V
S
V
B
R
V
O
L
V
S
V
L
V
B
L
Figure 8b. Circuitry Using Voltage Biases
DISTORTION PERFORMANCE AND TESTING
The THD+N figure of an audio DAC represents the amount of
undesirable signal produced during reconstruction and play-
back of an audio waveform. Therefore, the THD+N specifica-
tion provides a direct measure to classify and choose an audio
DAC for a desired level of performance. Figure 1 illustrates the
typical THD+N versus frequency performance of the AD1866.
It is evident that the THD+N performance of the AD1866 re-
mains stable at all three amplitude levels through a wide range
of frequencies. A load impedance of at least 2 k
Ω is recom-
mended for best THD+N performance.
Analog Devices tests all AD1866s on the basis of THD+N per-
formance. During the distortion test, a high speed digital pat-
tern generator transmits digital data to each channel of the
device under test. Sixteen-bit data is latched into the DAC at
352.8 kHz (8
× F
S). The test input code is a digitally encoded
990.5 Hz sine wave with 0 dB, –20 dB, and –60 dB amplitudes.
A 4096 point FFT calculates total harmonic distortion + noise,
signal-to-noise ratio, and D-range. No deglitchers or external
adjustments are used.


Numéro de pièce similaire - AD1866_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1866N AD-AD1866N Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866N AD-AD1866N Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866R AD-AD1866R Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866R AD-AD1866R Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866R-REEL AD-AD1866R-REEL Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
More results

Description similaire - AD1866_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1866RZ AD-AD1866RZ Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866 AD-AD1866 Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1868 AD-AD1868 Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1856 AD-AD1856 Datasheet
870Kb / 8P
   16-BIT PCM Audio DAC
REV. B
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
   Dual 16-bit DAC
November 1985
logo
MOSA ELECTRONICS
MS6333 MOSA-MS6333_1 Datasheet
302Kb / 13P
   16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage
logo
Analog Devices
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336_1 Datasheet
743Kb / 21P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
MS6336 MOSA-MS6336 Datasheet
699Kb / 18P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com