Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1855 Fiches technique(PDF) 12 Page - Analog Devices

No de pièce AD1855
Description  Stereo, 96 kHz, Multibit DAC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1855 Fiches technique(HTML) 12 Page - Analog Devices

Back Button AD1855_15 Datasheet HTML 7Page - Analog Devices AD1855_15 Datasheet HTML 8Page - Analog Devices AD1855_15 Datasheet HTML 9Page - Analog Devices AD1855_15 Datasheet HTML 10Page - Analog Devices AD1855_15 Datasheet HTML 11Page - Analog Devices AD1855_15 Datasheet HTML 12Page - Analog Devices AD1855_15 Datasheet HTML 13Page - Analog Devices AD1855_15 Datasheet HTML 14Page - Analog Devices AD1855_15 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
AD1855
REV. B
–12–
20
50
100
200
500
1k
2k
5k
10k
20k
0
–5
–25
–30
–35
–40
–15
–20
–10
FREQUENCY – Hz
–45
–50
–70
–75
–80
–60
–65
–55
0
–5
–25
–30
–35
–40
–15
–20
–10
–45
–50
–70
–75
–80
–60
–65
–55
Figure 16. Power Supply Rejection to 300 mV p-p on AVDD
020
2
4
6
8
10
12
14
16
18
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
–100
–110
–120
–130
–140
FREQUENCY – kHz
–150
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
Figure 17. Noise Floor
FREQUENCY – kHz
0
–100
0
160
40
20
60
80
100
120
140
–10
–40
–60
–80
–90
–20
–30
–50
–70
Figure 18. Digital Filter Response
020
2
4
6
8
10
12
14
16
18
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
–100
–110
–120
–130
–140
FREQUENCY – kHz
–150
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
Figure 19. Two-Tone Test


Numéro de pièce similaire - AD1855_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1855JRS AD-AD1855JRS Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1855JRSRL AD-AD1855JRSRL Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
More results

Description similaire - AD1855_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1855 AD-AD1855 Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1854 AD-AD1854 Datasheet
390Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com