Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN537N Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FDN537N
Description  Single N-Channel Power Trench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN537N Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FDN537N Datasheet HTML 1Page - Fairchild Semiconductor FDN537N Datasheet HTML 2Page - Fairchild Semiconductor FDN537N Datasheet HTML 3Page - Fairchild Semiconductor FDN537N Datasheet HTML 4Page - Fairchild Semiconductor FDN537N Datasheet HTML 5Page - Fairchild Semiconductor FDN537N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
©2013 Fairchild Semiconductor Corporation
4
www.fairchildsemi.com
FDN537N Rev.C2
Figure 7.
01
234
56
0
2
4
6
8
10
ID = 6.5 A
VDD = 20 V
VDD = 15 V
Qg, GATE CHARGE (nC)
VDD = 10 V
Gate Charge Characteristics
Figure 8.
0.1
1
10
30
10
100
500
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Capacitance vs Drain
to Source Voltage
Figure9.
0.01
0.1
1
5
1
2
3
4
5
6
7
8
9
TJ = 100 oC
TJ = 25 oC
TJ = 125 oC
t
AV, TIME IN AVALANCHE (ms)
UnclampedInductive
Switching Capability
Figure 10.
25
50
75
100
125
150
0
2
4
6
8
VGS = 4.5 V
RθJA = 80
o
C/W
VGS = 10 V
T
A
, AMBIENT TEMPERATURE (
o
C
)
Maximum Continuous Drain
Current vs Ambient Temperature
Figure 11.
0.01
0.1
1
10
100200
0.01
0.1
1
10
30
100 μs
1 ms
1 s
10 ms
DC
10 s
100 ms
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJA = 180
oC/W
TA = 25
oC
Forward Bias Safe
Operating Area
Figure 12.
10
-4
10
-3
10
-2
10
-1
110
100
10
3
0.5
1
10
100
200
SINGLE PULSE
RθJA = 180
oC/W
TA = 25
oC
t, PULSE WIDTH (sec)
Single Pulse Maximum
Power Dissipation
Typical Characteristics T
J = 25 °C unless otherwise noted


Numéro de pièce similaire - FDN537N

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
FDN537N-NL VBSEMI-FDN537N-NL Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Description similaire - FDN537N

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDMC6296 FAIRCHILD-FDMC6296 Datasheet
274Kb / 7P
   Single N-Channel Logic-Level Power Trench MOSFET
logo
Shenzhen Huazhimei Semi...
HM1607D HMSEMI-HM1607D Datasheet
874Kb / 6P
   N-Channel Trench Power MOSFET
logo
Leshan Radio Company
LN7610DT1WG LRC-LN7610DT1WG Datasheet
822Kb / 6P
   N-Channel Power Trench MOSFET
LNB86085DT0AG LRC-LNB86085DT0AG Datasheet
395Kb / 5P
   N-Channel Power Trench MOSFET
logo
Shenzhen Huazhimei Semi...
HM4030 HMSEMI-HM4030 Datasheet
410Kb / 6P
   N-Channel Trench Power MOSFET
logo
MagnaChip Semiconductor...
MDV1545 MGCHIP-MDV1545 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V
logo
First Silicon Co., Ltd
FTK2500NSOT883 FS-FTK2500NSOT883 Datasheet
491Kb / 5P
   20V Single N-channel Trench MOSFET
logo
Fairchild Semiconductor
FDT86244 FAIRCHILD-FDT86244 Datasheet
239Kb / 6P
   N-Channel Power Trench MOSFET
logo
Leshan Radio Company
S-LN7610DT1WG LRC-S-LN7610DT1WG Datasheet
826Kb / 6P
   N-Channel Power Trench MOSFET
logo
Shenzhen Huazhimei Semi...
HM4030D HMSEMI-HM4030D Datasheet
850Kb / 6P
   N-Channel Trench Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com