Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM0805UYC Datasheet(Fiches technique) 5 Page - List of Unclassifed Manufacturers

Numéro de pièce SM0805UYC
Description  SURFACE MOUNT LED YELLOW, 0805 PACKAGE
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SM0805UYC Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SM0805UYC Datenblatt HTML 1Page - List of Unclassifed Manufacturers SM0805UYC Datenblatt HTML 2Page - List of Unclassifed Manufacturers SM0805UYC Datenblatt HTML 3Page - List of Unclassifed Manufacturers SM0805UYC Datenblatt HTML 4Page - List of Unclassifed Manufacturers SM0805UYC Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3mm (T1) Package Discrete LEDs
AMBER
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Rev. A 01/16/08
Page 4 of 4
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision B 04/10
Page 5 of 5
Bivar reserves the right to make changes at any time without notice.
Packaging and Labeling Plan
Desiccant
Internal Quality Control
Bivar Standard Packaging Label
Humidity Indicator
Card
Note: 1 Reel / Bag
Vacuum and Heat Sealed
Clear AntiStatic Poly Bag
X.XXX
X.XXX
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance unless otherwise noted: X.XXX ± 0.010"
X.X ± 0.1”
SURFACE MOUNT LED
YELLOW, 0805 PACKAGE


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn