Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1803 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD1803
Description  Modem/Telephony Codec
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1803 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD1803_15 Datasheet HTML 4Page - Analog Devices AD1803_15 Datasheet HTML 5Page - Analog Devices AD1803_15 Datasheet HTML 6Page - Analog Devices AD1803_15 Datasheet HTML 7Page - Analog Devices AD1803_15 Datasheet HTML 8Page - Analog Devices AD1803_15 Datasheet HTML 9Page - Analog Devices AD1803_15 Datasheet HTML 10Page - Analog Devices AD1803_15 Datasheet HTML 11Page - Analog Devices AD1803_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD1803
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Power Supplies
Digital (DVDD)
−0.3 V to +6.0 V
Analog (AVDD)
−0.3 V to +6.0 V
Input Current (Except Supply Pins)
±10.0 mA
Analog Input Voltage (Signal Pins)
−0.3 V to AVDD + 0.3 V
Digital Input Voltage (Signal Pins)
−0.3 V to DVDD + 0.3 V
Operating Ambient Temperature
0°C to 70°C
Storage Temperature
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ENVIRONMENTAL CONDITIONS
Ambient Temperature Rating
TAMB = TCASE − (PD × θCA)
where:
TCASE is the case temperature in °C,
PD is the power dissipation in W,
θCA is the thermal resistance (case-to-ambient),
θJA is the thermal resistance (junction-to-ambient),
θJC is the thermal resistance (junction-to-case).
PACKAGE CHARACTERISTICS
Table 5.
Package
θJA
θJC
θCA
TSSOP
83.8°C/W
15.6°C/W
68.2°C/W
ESD CAUTION
Rev. A | Page 8 of 32


Numéro de pièce similaire - AD1803_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1803JRU AD-AD1803JRU Datasheet
39Kb / 2P
   U.S./International Modem DAA Line Codec Chipset
2000
More results

Description similaire - AD1803_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
PCM3501 TI1-PCM3501_08 Datasheet
384Kb / 28P
[Old version datasheet]   VOICE/MODEM CODEC
PCM3500 TI1-PCM3500_08 Datasheet
401Kb / 30P
[Old version datasheet]   VOICE/MODEM CODEC
logo
Wolfson Microelectronic...
WM8753 WOLFSON-WM8753 Datasheet
1Mb / 87P
   HI FI AND TELEPHONY DUAL CODEC
WM8753 WOLFSON-WM8753_05 Datasheet
1Mb / 92P
   Hi-Fi and Telephony Dual CODEC
logo
NXP Semiconductors
UCB1510 PHILIPS-UCB1510 Datasheet
730Kb / 32P
   AC97 digital modem codec
Rev. 01 - 4 February 2000
logo
Wolfson Microelectronic...
WM9704M WOLFSON-WM9704M Datasheet
270Kb / 37P
   AMC97 Audio and Modem Codec
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com