Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI2306 Fiches technique(PDF) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

No de pièce SI2306
Description  SOT-23 Plastic-Encapsulate MOSFETS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Site Internet  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

SI2306 Fiches technique(HTML) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  SI2306 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED SI2306 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical characteristics (at TA=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DS
VGS = 0V, ID =250µA
30
Gate-Threshold Voltage
VGS(th)
VDS =VGS, ID =250µA
1.0
3.0
V
Gate-Body Leakage
IGSS
VDS =0V, VGS =±20V
±
100
nA
Zero Gate Voltage Drain Current
IDSS
VDS =30V, VGS =0V
0.5
µA
VGS =10V, ID =3.5A
0.038
0.047
Drain-Source On-Resistance
a
RDS(on)
VGS =4.5V, ID =2.8A
0.052
0.065
Forward Transconductance
a
gfs
VDS =4.5V, ID =2.5A
7.0
S
Diode Forward Voltage
VSD
IS=1.25A,VGS=0V
0.8
1.2
V
Dynamic
Gate Charge
Qg
VDS =15V,VGS =5V,ID =2.5A
3.0
4.5
Total Gate Charge
Qgt
6
9
Gate-Source Charge
Qgs
1.6
Gate-Drain Charge
Qgd
VDS =15V,VGS =10V,ID =2.5A
0.6
nC
Gate Resistance
Rg
f =1.0MHz
2.5
5
7.5
Input Capacitance
Ciss
305
Output Capacitance
Coss
65
Reverse Transfer Capacitance
Crss
VDS =15V,VGS =0V,f =1MHz
29
pF
Switching
Turn-On Delay Time
td(on)
7
11
Rise Time
tr
12
18
Turn-Off Delay Time
td(off)
14
25
Fall Time
tf
VDD=15V,
RL=15Ω, ID ≈1A,
VGEN=10V,Rg=6Ω
6
10
ns
Notes :
a.Pulse Test : Pulse Width≤300µs, duty cycle 2%.
A,May,2013
MAKO SEMICONDUCTOR CO.,LIMITED


Numéro de pièce similaire - SI2306

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI2306 ETC2-SI2306 Datasheet
201Kb / 2P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
Foshan Blue Rocket Elec...
SI2306 FOSHAN-SI2306 Datasheet
473Kb / 6P
   N- CHANNEL MOSFET in a SOT-23 Plastic Package
logo
Micro Commercial Compon...
SI2306 MCC-SI2306 Datasheet
283Kb / 3P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Youtai Semico...
SI2306A UMW-SI2306A Datasheet
1Mb / 5P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI2306BDS VISHAY-SI2306BDS Datasheet
112Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results

Description similaire - SI2306

FabricantNo de pièceFiches techniqueDescription
logo
ZP Semiconductor
CJ2301S ZPSEMI-CJ2301S Datasheet
1Mb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
CJ2303 ZPSEMI-CJ2303 Datasheet
912Kb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
CJ2310 ZPSEMI-CJ2310 Datasheet
1,002Kb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
CJ8810 ZPSEMI-CJ8810 Datasheet
933Kb / 2P
   SOT-23 Plastic-Encapsulate MOSFETS
CJ8820 ZPSEMI-CJ8820 Datasheet
1Mb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
Tiger Electronic Co.,Lt...
2N7002K TGS-2N7002K Datasheet
1Mb / 5P
   SOT-23 Plastic-Encapsulate MOSFETs
logo
WILLAS ELECTRONIC CORP
SE2303 WILLAS-SE2303 Datasheet
403Kb / 4P
   SOT-23 Plastic-Encapsulate MOSFETS
SE2304 WILLAS-SE2304 Datasheet
420Kb / 4P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
Microdiode Electronics ...
SI2305 CHENDA-SI2305 Datasheet
849Kb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
Guangdong Youtai Semico...
UMW3401C UMW-UMW3401C Datasheet
770Kb / 2P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
Nanjing International G...
NJ2301 DGNJDZ-NJ2301 Datasheet
1Mb / 5P
   SOT-23 Plastic-Encapsulate MOSFETS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com