Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD834 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD834
Description  500 MHz Four-Quadrant Multiplier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD834 Fiches technique(HTML) 5 Page - Analog Devices

  AD834_15 Datasheet HTML 1Page - Analog Devices AD834_15 Datasheet HTML 2Page - Analog Devices AD834_15 Datasheet HTML 3Page - Analog Devices AD834_15 Datasheet HTML 4Page - Analog Devices AD834_15 Datasheet HTML 5Page - Analog Devices AD834_15 Datasheet HTML 6Page - Analog Devices AD834_15 Datasheet HTML 7Page - Analog Devices AD834_15 Datasheet HTML 8Page - Analog Devices AD834_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD834
Rev. F | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Ratings
Supply Voltage (+VS to −VS)
18 V
Internal Power Dissipation
500 mW
Input Voltages (X1, X2, Y1, Y2)
+VS
Operating Temperature Ranges
Commercial, AD834J Only
0°C to 70°C
Industrial, AD834A Only
−40°C to +85°C
Military AD834S/883B Only
−55°C to +125°C
Storage Temperature Range (Q)
−65°C to +150°C
Storage Temperature Range (R, N)
−65°C to +125°C
Lead Temperature (Soldering, 60 sec)
300°C
ESD Rating
500 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
Table 3.
Package
θJA
θJA
Unit
8-Lead CERDIP (Q)
110
110
°C/W
8-Lead SOIC (R)
165
165
°C/W
8-Lead PDIP (N)
99
99
°C/W
CHIP DIMENSIONS AND BONDING DIAGRAM
Y1
Y2
W2
NOTES
1. DIMENSIONS SHOWN IN INCHES AND (mm). CONTACT
FACTORY FOR LATEST DIMENSIONS.
W1
X1
X2
8
7
6
5
4
3
2
1
+VS
–VS
0.054 (1.37)
0.054 (1.37)
Figure 2. Metallization Photograph
ESD CAUTION


Numéro de pièce similaire - AD834_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD834 AD-AD834_12 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
More results

Description similaire - AD834_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD834 AD-AD834 Datasheet
258Kb / 8P
   500 MHz Four-Quadrant Multiplier
REV. C
AD834 AD-AD834_12 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
AD734 AD-AD734_15 Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com