Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1162 Fiches technique(PDF) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

No de pièce 2SA1162
Description  PNP General Purpose Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Site Internet  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

2SA1162 Fiches technique(HTML) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

  2SA1162 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. 2SA1162 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin Strong Micro-Electronics Co.,Ltd.
GMA1162(销售型號 2SA1162)
FEATURES 特點
PNP General Purpose Transistor
MAXIMUM RATINGS 最大額定值
Characteristic 特性參數
Symbol 符號
Rating 額定值
Unit 單位
Collector-Emitter Voltage
集電極
-發射極電壓
VCEO
-50
V
Collector-Base Voltage
集電極
-基極電壓
VCBO
-50
V
Emitter-Base Voltage
發射極
-基極電壓
VEBO
-5.0
V
Collector Current-Continuous
集電極電流
-連續
Ic
-150
mA
THERMAL CHARACTERISTICS 熱特性
Characteristic
特性參數
Symbol
符號
Max
最大值
Unit
單位
Total Device Dissipation 總耗散功率
FR-5 Board(1)
TA
=25℃環境溫度爲 25℃
Derate above25℃ 超過 25℃遞減
PD
225
1.8
mW
mW/℃
Total Device Dissipation 總耗散功率
Alumina Substrate 氧化鋁襯底,(2)TA
=25℃
Derate above25℃ 超過 25℃遞減
PD
300
2.4
mW
mW/℃
Thermal Resistance Junction to Ambient
熱阻
R
ΘJA
417
/W
Junction and Storage Temperature
結溫和儲存溫度
TJ,Tstg
-55to+150℃


Numéro de pièce similaire - 2SA1162

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SA1162 TOSHIBA-2SA1162 Datasheet
153Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
logo
SHENZHEN YONGERJIA INDU...
2SA1162 WINNERJOIN-2SA1162 Datasheet
98Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
TRANSYS Electronics Lim...
2SA1162 TEL-2SA1162 Datasheet
69Kb / 1P
   Plastic-Encapsulated Transistors
logo
Toshiba Semiconductor
2SA1162 TOSHIBA-2SA1162 Datasheet
189Kb / 3P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1162 TOSHIBA-2SA1162 Datasheet
391Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
More results

Description similaire - 2SA1162

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com