Moteur de recherche de fiches techniques de composants électroniques |
|
CSN075D220K Fiches technique(PDF) 1 Page - Frontier Electronics. |
|
CSN075D220K Fiches technique(HTML) 1 Page - Frontier Electronics. |
1 / 2 page CSN075D Series SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED) Rev. A A. Electrical Specifications: P/N Marking Inductance (μH) Test Freq. (KHz) DCR Max. (Ω) Rated Current (A) CSN075D-6R8K 6R8 6.8 100 0.058 3.00 CSN075D-8R2K 8R2 8.2 100 0.06 2.40 CSN075D-100K 100 10 100 0.07 2.30 CSN075D-120K 120 12 100 0.08 2.00 CSN075D-150K 150 15 100 0.09 1.80 CSN075D-180K 180 18 100 0.10 1.60 CSN075D-220K 220 22 100 0.11 1.50 CSN075D-270K 270 27 100 0.12 1.30 CSN075D-330K 330 33 100 0.13 1.20 CSN075D-390K 390 39 100 0.16 1.10 CSN075D-470K 470 47 100 0.18 1.10 CSN075D-560K 560 56 100 0.24 0.94 CSN075D-680K 680 68 100 0.28 0.85 CSN075D-820K 820 82 100 0.37 0.78 CSN075D-101K 101 100 10 0.43 0.72 CSN075D-121K 121 120 10 0.47 0.66 CSN075D-151K 151 150 10 0.64 0.58 CSN075D-181K 181 180 10 0.71 0.51 CSN075D-221K 221 220 10 0.96 0.49 CSN075D-271K 271 270 10 1.11 0.42 CSN075D-331K 331 330 10 1.26 0.40 CSN075D-391K 391 390 10 1.77 0.36 CSN075D-471K 471 470 10 1.96 0.34 CSN075D-302K 302 3000 1 10.0 0.12 B. Dimensions: mm (Inch) Series a b c d e f g CSN075D 7.0 (0.276) 7.8 (0.307) 5.0 (0.197) 1.6 (0.063) 7.5 (0.295) 2.0 (0.079) 3.0 (0.118) Tol. ±0.3 (0.012) ±0.3 (0.012) ±0.5 (0.020) Typ. Typ. Typ. Typ. C. General Information: 1. CSN075D-xxx_, “CSN075D” = P/N, “xxx” = Inductance, “_” = Tolerance. 2. Tolerance “_”: M: ± 20%, L= ± 15%, K = ±10%. 3. Operating temperature range: -30ºC to +100ºC (Including self-heating). 4. Storage temperature: -40ºC to +85ºC. 5. Inductance measured using the HP4284A and Chroma1320 & 3302. 6. DCR measured using Chroma 16502 milliohm meter. 7. Inductance drop no mo re than 10% of initial value at rated current, temperature rise ∆t < 40ºC. 8. Inductance and Current range: From 6.80 µH (3.00A) to 3000.0 µH (0.12A). 9. MSL: Level 1. D. Applications: 1. Game Consoles 2. Set Top Boxes 3. Cables Modems 4. Computers Frontier Electronics Corp. ® Page 1 of 2 667 E. Cochran St., Simi Valley, CA 93065 http://www.frontierusa.com Phone: 1-805-522-9998, Fax: 1-805-522-9989 |
Numéro de pièce similaire - CSN075D220K |
|
Description similaire - CSN075D220K |