Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSN032D3R9M Fiches technique(PDF) 1 Page - Frontier Electronics.

No de pièce CSN032D3R9M
Description  SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRONTIER [Frontier Electronics.]
Site Internet  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSN032D3R9M Fiches technique(HTML) 1 Page - Frontier Electronics.

  CSN032D3R9M Datasheet HTML 1Page - Frontier Electronics. CSN032D3R9M Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSN032D Series
SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
Rev. A
A. Electrical Specifications:
P/N
Marking
Inductance
(μH)
Test Freq.
(KHz)
DCR Max.
(Ω)
Rated Current
(A)
CSN032D-1R0M
BA
1.0
100
0.07
2.080
CSN032D-1R4M
BE
1.4
100
0.09
1.860
CSN032D-1R8M
BI
1.8
100
0.11
1.800
CSN032D-2R2M
CC
2.2
100
0.13
1.390
CSN032D-2R7M
CH
2.7
100
0.14
1.320
CSN032D-3R3M
DD
3.3
100
0.20
1.250
CSN032D-3R9M
DJ
3.9
100
0.21
1.200
CSN032D-4R7M
EH
4.7
100
0.33
1.030
CSN032D-5R6M
FG
5.6
100
0.35
0.910
CSN032D-6R8M
GI
6.8
100
0.38
0.850
CSN032D-8R2M
IC
8.2
100
0.43
0.820
CSN032D-100M
KA
10
100
0.50
0.740
CSN032D-120M
QA
12
100
0.65
0.640
CSN032D-150M
MA
15
100
0.82
0.600
CSN032D-180M
RA
18
100
0.90
0.540
CSN032D-220M
LA
22
100
1.14
0.500
CSN032D-270M
SA
27
100
1.39
0.430
CSN032D-330M
NA
33
100
1.55
0.400
CSN032D-390M
PA
39
100
2.15
0.370
CSN032D-470M
OA
47
100
2.44
0.360
CSN032D-560M
UA
56
100
2.68
0.310
CSN032D-680M
VA
68
100
3.05
0.300
CSN032D-820M
XA
82
100
3.48
0.280
CSN032D-221M
LB
220
100
6.30
0.200
CSN032D-471M
OB
470
100
14.00
0.090
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
CSN032D
3.0
(0.118)
3.3
(0.130)
2.1
(0.083)
1.0
(0.039)
3.2
(0.126)
1.2
(0.047)
1.2
(0.047)
Tol.
±0.3
(0.012)
±0.3
(0.012)
±0.3
(0.012)
Typ.
Typ.
Typ.
Typ.
C. General Information:
1. CSN032D-xxx_, “CSN032D” = P/N, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: M: ± 20%, L= ± 15%, K = ±10%.
3. Operating temperature range: -30ºC to +100ºC (Including self-heating).
4. Storage temperature: -40ºC to +85ºC.
5. Inductance measured using the HP4284A and Chroma1320 & 3302.
6. DCR measured using Chroma 16502 milliohm meter.
7. Inductance drop no mo
re than 10% of initial value at rated current, temperature rise ∆t < 40ºC.
8. Inductance and Current range: From 1.0 µH (2.080A) to 470.0 µH (0.090A).
9. MSL: Level 1.
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
6. PDA, LCD, DVD, BRP, HD
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Numéro de pièce similaire - CSN032D3R9M

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
CSN032D FRONTIER-CSN032D Datasheet
121Kb / 5P
   Tape and Reel Specifications
CSN032D-100M FRONTIER-CSN032D-100M Datasheet
192Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN032D-120M FRONTIER-CSN032D-120M Datasheet
192Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN032D-150M FRONTIER-CSN032D-150M Datasheet
192Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN032D-180M FRONTIER-CSN032D-180M Datasheet
192Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
More results

Description similaire - CSN032D3R9M

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
CSN032D-1R0M FRONTIER-CSN032D-1R0M Datasheet
192Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN054D-1R0M FRONTIER-CSN054D-1R0M Datasheet
275Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN043D FRONTIER-CSN043D_15 Datasheet
273Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN054D FRONTIER-CSN054D_15 Datasheet
275Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN075D FRONTIER-CSN075D_15 Datasheet
243Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN105D FRONTIER-CSN105D_15 Datasheet
193Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN105D-100M FRONTIER-CSN105D-100M Datasheet
193Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN073F FRONTIER-CSN073F_15 Datasheet
229Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN084F FRONTIER-CSN084F_15 Datasheet
169Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN073D-100M FRONTIER-CSN073D-100M Datasheet
239Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN104D-100M FRONTIER-CSN104D-100M Datasheet
190Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com