Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD708 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD708
Description  Ultralow Offset Voltage Dual Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD708 Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD708_15 Datasheet HTML 5Page - Analog Devices AD708_15 Datasheet HTML 6Page - Analog Devices AD708_15 Datasheet HTML 7Page - Analog Devices AD708_15 Datasheet HTML 8Page - Analog Devices AD708_15 Datasheet HTML 9Page - Analog Devices AD708_15 Datasheet HTML 10Page - Analog Devices AD708_15 Datasheet HTML 11Page - Analog Devices AD708_15 Datasheet HTML 12Page - Analog Devices AD708_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD708
Rev. C | Page 9 of 16
MATCHING CHARACTERISTICS
32
25°C
28
24
20
16
12
8
4
0
–50
–40
–30
–20
–10
0
10
20
30
40
50
OFFSET VOLTAGE MATCH (µV)
Figure 19. Typical Distribution of Offset Voltage Match
32
28
24
20
16
12
8
4
0
–0.5 –0.4 –0.3 –0.2 –0.1
0
0.1
0.2
0.3
0.4
0.5
OFFSET DRIFT MATCH (µV/°C)
–55°C TO +125°C
Figure 20. Typical Distribution of Offset Voltage Drift Match
16
14
12
10
8
6
4
2
0
–1.0 –0.8 –0.6 –0.4 –0.2
0
0.2
0.4
0.6
0.8
1.0
INPUT BIAS CURRENT MATCH (nA)
Figure 21. Typical Distribution of Input Bias Current Match
16
14
12
10
8
6
4
2
0
–1.0 –0.8 –0.6 –0.4 –0.2
0
0.2
0.4
0.6
0.8
1.0
OFFSET CURRENT MATCH (nA)
Figure 22. Typical Distribution of Input Offset Current Match
160
140
120
100
80
60
40
20
0
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
Figure 23. PSRR Match vs. Temperature
160
140
120
100
80
60
40
20
0
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
Figure 24. CMRR Match vs. Temperature


Numéro de pièce similaire - AD708_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD708AH AD-AD708AH Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708AH AD-AD708AH Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708AQ AD-AD708AQ Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708AQ AD-AD708AQ Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708AQ AD-AD708AQ Datasheet
351Kb / 16P
   Ultralow Offset Voltage Dual Op Amp
REV. C
More results

Description similaire - AD708_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD708 AD-AD708_06 Datasheet
351Kb / 16P
   Ultralow Offset Voltage Dual Op Amp
REV. C
AMPAD708 AD-AMPAD708 Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708 AD-AD708 Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD8599 AD-AD8599 Datasheet
449Kb / 16P
   Dual Ultralow Distortion, Ultralow Noise Op Amp
REV. 0
AD647 AD-AD647 Datasheet
378Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
AD647 AD-AD647_15 Datasheet
385Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
OP07 AD-OP07 Datasheet
448Kb / 10P
   Ultralow Offset Voltage Dual Operational Amplifier
AD707 AD-AD707_15 Datasheet
329Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD707CH AD-AD707CH Datasheet
268Kb / 8P
   Ultralow Drift Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com