Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD668 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD668
Description  12-Bit Ultrahigh Speed Multiplying D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD668 Fiches technique(HTML) 3 Page - Analog Devices

  AD668_15 Datasheet HTML 1Page - Analog Devices AD668_15 Datasheet HTML 2Page - Analog Devices AD668_15 Datasheet HTML 3Page - Analog Devices AD668_15 Datasheet HTML 4Page - Analog Devices AD668_15 Datasheet HTML 5Page - Analog Devices AD668_15 Datasheet HTML 6Page - Analog Devices AD668_15 Datasheet HTML 7Page - Analog Devices AD668_15 Datasheet HTML 8Page - Analog Devices AD668_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD668J/A
AD668K
AD668S
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
AC CHARACTERISTICS
Analog Settling Time
(10% to 120% Step)
to
±1%
60
*
*
ns to 1% of FSR
to
±0.1%
90
*
*
ns to 0.1% of FSR
to
±0.025%
120
*
*
ns to 0.025% of FSR
Digital Settling Time
Current
to
±1%
30
*
*
ns to 1% of FSR
to
±0.025%
90
*
*
ns to 0.025% of FSR
Voltage (100
Ω Internal RL)3
to 1%
50
*
*
ns to 1% of FSR
to 0.1%
75
*
*
ns to 0.1% of FSR
to 0.025%
110
*
*
ns to 0.025% of FSR
Glitch Impulse
4
350
*
*
pV-sec
Peak Amplitude
20
*
*
% of FSR
Total Harmonic Distortion
5
–75
*
*
dB
Multiplying Feedthrough Error
6
–62
*
*
dB
FULL-SCALE TRANSITION
2
10% to 90% Rise Time
11
*
*
ns
90% to 10% Fall Time
11
*
*
ns
POWER REQUIREMENTS
+10.8 V to +16.5 V
27
32
**
mA
–10.8 V to –16.5 V
7
9
**
–mA
Power Dissipation
510
615
*
*
mW
PSRR
7
0.05
**
% of FSR/V
TEMPERATURE RANGE
Rated Specification
2 (J, K, S)
0
+70
*
*
–55
+125
°C
Rated Specification (A)
–40
+85
°C
Storage
–65
+150
*
*
*
*
°C
NOTES
*Same as AD668J/A.
1Measured in I
OUT mode. Specified at nominal 5 V full-scale reference.
2Measured in V
OUT mode, unless otherwise specified. Specified at nominal 5 V
full-scale reference.
3Total resistance. Refer to Figure 4.
4At the major carry, driven by HCMOS logic.
5V
OUT = 1 V p-p, VIN = 10% to 110%, 100 kHz. Digital Input All 1s.
6V
IN = 200 mV p-p, 1 MHz Sine Wave. Digital Input all 0s. See Figure 20.
7Measured at 15 V
± 10% and 12 V ±10%.
Specifications shown in boldface are tested on all producfion units at final elec-
trical test.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS*
VCC to REFCOM . . . . . . . . . . . . . . . . . . . . . . . . 0 V to +18 V
VEE to REFCOM . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to –18 V
REFCOM to LCOM . . . . . . . . . . . . . . . . . . +100 mV to –10 V
ACOM to LCOM . . . . . . . . . . . . . . . . . . . . . . . . . . .
±100 mV
THCOM to LCOM . . . . . . . . . . . . . . . . . . . . . . . . .
±500 mV
REFCOM to REFIN (1, 2) . . . . . . . . . . . . . . . . . . . . . . . . 18 V
IBPO to LCOM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±5 V
IOUT to LCOM . . . . . . . . . . . . . . . . . . . . . . . . . . . . –5 V to VTH
Digital Inputs to THCOM . . . . . . . . . . . . –500 mV to +7.0 V
REFIN1 to REFIN2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 V
VTH to THCOM . . . . . . . . . . . . . . . . . . . . . . –0.7 V to +1.4 V
Logic Threshold Control Input Current . . . . . . . . . . . . . 5 mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 670 mW
Storage Temperature Range
Q (Cerdip) Package . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +175
°C
Thermal Resistance
θ
JA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +75
°C/W
θ
JC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +25
°C/W
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
AD668
REV. A
–3–


Numéro de pièce similaire - AD668_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD6684 AD-AD6684 Datasheet
2Mb / 107P
   135 MHz Quad IF Receiver
AD6684-500EBZ AD-AD6684-500EBZ Datasheet
2Mb / 107P
   135 MHz Quad IF Receiver
AD6684BCPZ-500 AD-AD6684BCPZ-500 Datasheet
2Mb / 107P
   135 MHz Quad IF Receiver
AD6684BCPZRL7-500 AD-AD6684BCPZRL7-500 Datasheet
2Mb / 107P
   135 MHz Quad IF Receiver
AD6688 AD-AD6688 Datasheet
2Mb / 138P
   RF Diversity and 1.2 GHz Bandwidth Observation Receiver
More results

Description similaire - AD668_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD668 AD-AD668 Datasheet
602Kb / 16P
   12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
AD668SQ AD-AD668SQ Datasheet
221Kb / 16P
   12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
DAC312HSZ AD-DAC312HSZ Datasheet
240Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
DAC312 AD-DAC312 Datasheet
269Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
AD568 AD-AD568_15 Datasheet
544Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD568 AD-AD568 Datasheet
541Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD568 AD-AD568_17 Datasheet
575Kb / 15P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
logo
NXP Semiconductors
AM6012 PHILIPS-AM6012 Datasheet
107Kb / 11P
   12-Bit multiplying D/A converter
August 31, 1994
logo
Intersil Corporation
AD7541 INTERSIL-AD7541_02 Datasheet
164Kb / 8P
   12-Bit, Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com