Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD605 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD605
Description  Dual, Low Noise, Single-Supply Variable Gain Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD605 Fiches technique(HTML) 4 Page - Analog Devices

  AD605_15 Datasheet HTML 1Page - Analog Devices AD605_15 Datasheet HTML 2Page - Analog Devices AD605_15 Datasheet HTML 3Page - Analog Devices AD605_15 Datasheet HTML 4Page - Analog Devices AD605_15 Datasheet HTML 5Page - Analog Devices AD605_15 Datasheet HTML 6Page - Analog Devices AD605_15 Datasheet HTML 7Page - Analog Devices AD605_15 Datasheet HTML 8Page - Analog Devices AD605_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
AD605
Rev. F | Page 3 of 24
SPECIFICATIONS
Each channel @ TA = 25°C, VS = 5 V, RS = 50 Ω, RL = 500 Ω, CL = 5 pF, VREF = 2.5 V (scaling = 20 dB/V), −14 dB to +34 dB gain range,
unless otherwise noted.
Table 1.
AD605A
AD605B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Resistance
175 ± 40
175 ± 40
Ω
Input Capacitance
3.0
3.0
pF
Peak Input Voltage
At minimum gain
2.5 ± 2.5
2.5 ± 2.5
V
Input Voltage Noise
VGN = 2.9 V
1.8
1.8
nV/√Hz
Input Current Noise
VGN = 2.9 V
2.7
2.7
pA/√Hz
Noise Figure
RS = 50 Ω, f = 10 MHz, VGN = 2.9 V
8.4
8.4
dB
RS = 200 Ω, f = 10 MHz, VGN = 2.9 V
12
12
dB
Common-Mode Rejection Ratio
f = 1 MHz, VGN = 2.65 V
−20
−20
dB
OUTPUT CHARACTERISTICS
−3 dB Bandwidth
Constant with gain
40
40
MHz
Slew Rate
VGN = 1.5 V, output = 1 V step
170
170
V/μs
Output Signal Range
RL ≥ 500 Ω
2.5 ± 1.5
2.5 ± 1.5
V
Output Impedance
f = 10 MHz
2
2
Ω
Output Short-Circuit Current
±40
±40
mA
Harmonic Distortion
VGN = 1 V, VOUT = 1 V p-p
HD2
f = 1 MHz
−64
−64
dBc
HD3
f = 1 MHz
−68
−68
dBc
HD2
f = 10 MHz
−51
−51
dBc
HD3
f = 10 MHz
−53
−53
dBc
Two-Tone Intermodulation
Distortion (IMD)
RS = 0 Ω, VGN = 2.9 V, VOUT = 1 V p-p
f = 1 MHz
−72
−72
dBc
f = 10 MHz
−60
−60
dBc
1 dB Compression Point
f = 10 MHz, VGN = 2.9 V, output referred
15
15
dBm
Third-Order Intercept
f = 10 MHz, VGN = 2.9 V,
VOUT = 1 V p-p, input referred
−1
−1
dBm
Channel-to-Channel Crosstalk
Ch1: VGN = 2.65 V, inputs shorted,
Ch2: VGN = 1.5 V (mid gain),
f = 1 MHz, VOUT = 1 V p-p
−70
−70
dB
Group Delay Variation
1 MHz < f < 10 MHz, full gain range
±2.0
±2.0
ns
VOCM Input Resistance
45
45
ACCURACY
Absolute Gain Error
−14 dB to −11 dB
0.25 V < VGN < 0.40 V
−1.2
+1.0
+3.0
–1.2
+0.75
+3.0
dB
−11 dB to +29 dB
0.40 V < VGN < 2.40 V
−1.0
±0.3
+1.0
–1.0
±0.2
+1.0
dB
+29 dB to +34 dB
2.40 V < VGN < 2.65 V
−3.5
−1.25
+1.2
–3.5
−1.25
+1.2
dB
Gain Scaling Error
0.4 V < VGN < 2.4 V
±0.25
±0.25
dB/V
Output Offset Voltage
VREF = 2.500 V, VOCM = 2.500 V
−30
±20
+30
–30
±20
+30
mV
Output Offset Variation
VREF = 2.500 V, VOCM = 2.500 V
30
57
30
50
mV


Numéro de pièce similaire - AD605_15

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AD605-00 ETC2-AD605-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
Analog Devices
AD605-EB AD-AD605-EB Datasheet
263Kb / 12P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
REV. C
AD605-EB AD-AD605-EB Datasheet
376Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. D
AD605-EB AD-AD605-EB Datasheet
419Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. E
AD605A AD-AD605A Datasheet
263Kb / 12P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
REV. C
More results

Description similaire - AD605_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD605 AD-AD605 Datasheet
263Kb / 12P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
REV. C
AD605 AD-AD605_06 Datasheet
376Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. D
AD605 AD-AD605_07 Datasheet
419Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. E
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
VCA2612 TI1-VCA2612_14 Datasheet
1Mb / 25P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com