Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS515B Fiches technique(PDF) 1 Page - Bruckewell Technology LTD

No de pièce SS515B
Description  SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BWTECH [Bruckewell Technology LTD]
Site Internet  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SS515B Fiches technique(HTML) 1 Page - Bruckewell Technology LTD

  SS515B Datasheet HTML 1Page - Bruckewell Technology LTD SS515B Datasheet HTML 2Page - Bruckewell Technology LTD SS515B Datasheet HTML 3Page - Bruckewell Technology LTD SS515B Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS515B
SCHOTTKY RECTIFIER
Publication Order Number: [SS515B]
© Bruckewell Technology Corporation Rev. A -2014
Features
• Ideal for surface mount applications . Easy pick and
place
• Built-in strain relief
• Low forward voltage drop
• RoHS compliant package
Mechanical Data
• Case: Molded plastic
• Epoxy: UL 94V-0 rate flame retardant
• Metallurgically bonded construction
• Polarity: Color band denotes cathode end .
Mounting position: Any
• Weight: 0.93 grams
Packing & Order Information
3,000/Reel
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
SS515B
Unit
Maximum repetitive peak reverse voltage
VRRM
150
V
Working peak reverse voltage
VRWM
150
V
Maximum DC blocking voltage
VDC
150
V
Maximum average forward rectified current
IF(AV)
5
A
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
120
A
Operating junction temperature range
TJ
-50 to +150
°C
Storage temperature range
TSTG
-50 to +175
°C
Notes:
Mounted on 2” Square PC Board with 1” Square Total Pad Size, PC Board FR4.


Numéro de pièce similaire - SS515B

FabricantNo de pièceFiches techniqueDescription
logo
Yangzhou yangjie electr...
SS515B YANGJIE-SS515B Datasheet
212Kb / 2P
   Schottky Rectifier
logo
Shanghai Leiditech Elec...
SS515B LEIDITECH-SS515B Datasheet
1Mb / 3P
   Schottky rectifier
logo
First Silicon Co., Ltd
SS515B FS-SS515B Datasheet
423Kb / 2P
   Schottky Rectifier
logo
RFE international
SS515B RFE-SS515B Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
10-24-2022
logo
SHIKUES Electronics
SS515BF SKTECHNOLGY-SS515BF Datasheet
415Kb / 3P
   Surface Mount Schottky Barrier Rectifier
More results

Description similaire - SS515B

FabricantNo de pièceFiches techniqueDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com