Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS10P100 Fiches technique(PDF) 2 Page - Bruckewell Technology LTD

No de pièce SS10P100
Description  High Current Density Surface Mount Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BWTECH [Bruckewell Technology LTD]
Site Internet  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SS10P100 Fiches technique(HTML) 2 Page - Bruckewell Technology LTD

  SS10P100 Datasheet HTML 1Page - Bruckewell Technology LTD SS10P100 Datasheet HTML 2Page - Bruckewell Technology LTD SS10P100 Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Preliminary SS10P100
High Current Density Surface Mount
Schottky Rectifier
Publication Order Number: [SS10P100]
© Bruckewell Technology Corporation Rev. A -2014
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
SS10PU100
Unit
Non-repetitive avalanche energy at 25 °C
IAS = 2 A per diode
EAS
20
m’J
Operating junction temperature range
TJ
-55 to +150
°C
Storage temperature range
TSTG
-55 to +150
°C
Note:
(1) Mounted on 30 mm x 30 mm Al P.C.B. with 50 mm x 25 mm x 100 mm fin heat sink
(2) Free air, mounted on recommended copper pad area
Electrical characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Typical
Max
Instantaneous forward voltage at IF=10A, Tj=25°C
at IF=10A, Tj=125°C
VF
0.75
0.65
0.85
V
Maximum reverse current per leg
Tj=25°C
IR
20
u
’A
at working peak reverse voltage
Tj=125°C
5
m
’A
Thermal characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Typical thermal resistance
RθJA
60
°C/W
Rthjc
3
Notes:
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width ≤ 40 ms


Numéro de pièce similaire - SS10P100

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SS10P2CL VISHAY-SS10P2CL Datasheet
110Kb / 5P
   High Current Density Surface Mount Dual Common-Cathode Schottky Rectifiers
Revision: 30-Jul-08
SS10P2CL VISHAY-SS10P2CL Datasheet
98Kb / 5P
   High Current Density Surface Mount Dual Common-Cathode Schottky Rectifiers
Revision: 10-May-11
SS10P2CL VISHAY-SS10P2CL Datasheet
104Kb / 5P
   High Current Density Surface-Mount Dual Common Cathode Schottky Rectifiers
01-Jan-2022
SS10P2CL VISHAY-SS10P2CL_11 Datasheet
98Kb / 5P
   High Current Density Surface Mount Dual Common-Cathode Schottky Rectifiers
Revision: 10-May-11
SS10P2CL VISHAY-SS10P2CL_15 Datasheet
89Kb / 5P
   High Current Density Surface Mount Dual Common Cathode Schottky Rectifiers
Revision: 13-Jan-15
More results

Description similaire - SS10P100

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
B230LA VISHAY-B230LA Datasheet
58Kb / 2P
   High-Current Density Surface Mount Schottky Rectifier
15-Dec-03
logo
Shenzhen Taychipst Elec...
SSA23L TAYCHIPST-SSA23L Datasheet
9Mb / 2P
   High-Current Density Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SS3P4 VISHAY-SS3P4 Datasheet
87Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
26-Jun-06
B230LA VISHAY-B230LA_08 Datasheet
102Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 19-May-08
SS2P5 VISHAY-SS2P5_08 Datasheet
104Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 19-May-08
SS3P4 VISHAY-SS3P4_08 Datasheet
103Kb / 4P
   High Current Density Surface Mount Schottky Rectifier
Revision: 25-Aug-08
SS10PH45 VISHAY-SS10PH45 Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Rectifier
Revision: 30-Jul-08
SS10PH45 VISHAY-SS10PH45_15 Datasheet
97Kb / 5P
   High Current Density Surface Mount Schottky Rectifier
Revision: 01-Dec-14
SSC53L-M3 VISHAY-SSC53L-M3 Datasheet
91Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 07-Jan-15
SSC53L-M3 VISHAY-SSC53L-M3_15 Datasheet
81Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 07-Jan-15
B230LA VISHAY-B230LA_15 Datasheet
78Kb / 5P
   High Current Density Surface Mount Schottky Rectifier
Revision: 14-Jan-14
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com