Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD8453LZ_F085 Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce FDD8453LZ_F085
Description  N-Channel Power Trench짰 MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8453LZ_F085 Fiches technique(HTML) 6 Page - Fairchild Semiconductor

  FDD8453LZ_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDD8453LZ_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDD8453LZ_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDD8453LZ_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDD8453LZ_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDD8453LZ_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDD8453LZ_F085 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FDD8453LZ_F085 Rev. C1
www.fairchildsemi.com
6
Figure 11.
-80
-40
0
40
80
120
160
200
0.4
0.6
0.8
1.0
1.2
1.4
VGS = VDS
ID = 250μA
TJ, JUNCTION TEMPERATURE(oC)
Normalized Gate Threshold Voltage vs
Junction Temperature
Figure 12. Normalized Drain to Source
Breakdown Voltage vs Junction Temperature
-80
-40
0
40
80
120
160
200
0.90
0.95
1.00
1.05
1.10
1.15
ID = 1mA
TJ, JUNCTION TEMPERATURE (oC)
Figure 13.
0.1
1
10
40
100
1000
10000
f = 1MHz
VGS = 0V
Crss
Coss
Ciss
VDS, DRAIN TO SOURCE VOLTAGE (V)
Capacitance vs Drain to Source
Voltage
Figure 14.
0
10
20
304050
6070
0
2
4
6
8
10
ID = 15A
VDD = 15V
VDD = 20V
VDD = 25V
Qg, GATE CHARGE(nC)
Gate Charge vs Gate to Source Voltage
Typical Characteristics


Numéro de pièce similaire - FDD8453LZ_F085

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FDD8453LZ-F085 ONSEMI-FDD8453LZ-F085 Datasheet
510Kb / 8P
   N-Channel Power Trench짰 MOSFET 40V, 50A, 6.5m廓
August-2017,Rev. 3
logo
Fairchild Semiconductor
FDD8453LZ_F085 FAIRCHILD-FDD8453LZ_F085_12 Datasheet
417Kb / 7P
   N-Channel Power Trench짰 MOSFET 40V, 50A, 6.5m廓
More results

Description similaire - FDD8453LZ_F085

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDMC86260 FAIRCHILD-FDMC86260 Datasheet
251Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDB42AN15_F085 FAIRCHILD-FDB42AN15_F085 Datasheet
350Kb / 6P
   N-Channel Power Trench짰 MOSFET
logo
ON Semiconductor
FDD9410-F085 ONSEMI-FDD9410-F085 Datasheet
706Kb / 7P
   N-Channel Power Trench짰 MOSFET
August-2017, Rev3
logo
Fairchild Semiconductor
FDMC86102LZ FAIRCHILD-FDMC86102LZ Datasheet
266Kb / 7P
   N-Channel Power Trench짰 MOSFET
logo
ON Semiconductor
FDMS5360L-F085 ONSEMI-FDMS5360L-F085 Datasheet
854Kb / 6P
   N-Channel Power Trench짰 MOSFET
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDBL0630N150 FAIRCHILD-FDBL0630N150 Datasheet
501Kb / 6P
   N-Channel Power Trench짰 MOSFET
FDD120AN15_F085 FAIRCHILD-FDD120AN15_F085 Datasheet
365Kb / 6P
   N-Channel Power Trench짰 MOSFET
FDMC7692 FAIRCHILD-FDMC7692_10 Datasheet
215Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDMC86240 FAIRCHILD-FDMC86240 Datasheet
321Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDMC7678 FAIRCHILD-FDMC7678 Datasheet
260Kb / 7P
   N-Channel Power Trench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com