Moteur de recherche de fiches techniques de composants électroniques |
|
5429FCT521CTPY Fiches technique(PDF) 6 Page - Integrated Device Technology |
|
5429FCT521CTPY Fiches technique(HTML) 6 Page - Integrated Device Technology |
6 / 7 page 6.2 6 IDT29FCT520AT/BT/CT/DT, 521AT/BT/CT/DT MULTILEVEL PIPELINE REGISTERS MILITARY AND COMMERCIAL TEMPERATURE RANGES TEST CIRCUITS AND WAVEFORMS TEST CIRCUITS FOR ALL OUTPUTS SET-UP, HOLD AND RELEASE TIMES PULSE WIDTH SWITCH POSITION ENABLE AND DISABLE TIMES PROPAGATION DELAY Pulse Generator R T D.U.T. V CC VIN C L VOUT 50pF 500 Ω 500 Ω 7.0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V DATA INPUT TIMING INPUT ASYNCHRONOUS CONTROL PRESET CLEAR ETC. SYNCHRONOUS CONTROL tSU tH tREM tSU tH HIGH-LOW-HIGH PULSE LOW-HIGH-LOW PULSE tW 1.5V 1.5V SAME PHASE INPUT TRANSITION 3V 1.5V 0V 1.5V VOH tPLH OUTPUT OPPOSITE PHASE INPUT TRANSITION 3V 1.5V 0V tPLH tPHL tPHL VOL CONTROL INPUT 3V 1.5V 0V 3.5V 0V OUTPUT NORMALLY LOW OUTPUT NORMALLY HIGH SWITCH CLOSED SWITCH OPEN VOL 0.3V 0.3V tPLZ tPZL tPZH tPHZ 3.5V 0V 1.5V 1.5V ENABLE DISABLE VOH PRESET CLEAR CLOCK ENABLE ETC. NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable- HIGH 2. Pulse Generator for All Pulses: Rate ≤ 1.0MHz; tF ≤ 2.5ns; tR ≤ 2.5ns Test Switch Disable Low Enable Low Closed All Other Tests Open Open Drain DEFINITIONS: CL= Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. 2619 drw 05 2619 drw 06 2619 drw 07 2619 drw 08 2619 drw 09 2619 lnk 09 |
Numéro de pièce similaire - 5429FCT521CTPY |
|
Description similaire - 5429FCT521CTPY |