Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST10200 Fiches technique(PDF) 5 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

No de pièce ST10200
Description  SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Site Internet  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

ST10200 Fiches technique(HTML) 5 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  ST10200 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST10200 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST10200 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST10200 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST10200 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST10200 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST10200 Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1429, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
ST10200
STB10200
STF10200
STD10200
Marking Diagram:
Where XXXXX is YYWWL
ST
= Device Type
B/F/D
= Package type
10
= Forward Current (10A)
200
= Reverse Voltage (200V)
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
ST10200
STB10200
STF10200
STD10200
Cautions:Molding resin
Epoxy resin UL: 94V-0
Ordering Information:
Device
Package
Shipping
ST10200
TO-220AC(Pb-Free)
50pcs / tube
STB10200
D²PAK(Pb-Free)
800pcs / reel
STF10200
ITO-220AC(Pb-Free)
50pcs / tube
STD10200
DPAK(Pb-Free)
2500pcs / reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
200
V
Average Forward Current
IF(AV)
50% duty cycle @TC =100°C,
rectangular wave form
10
A
Peak One Cycle
Non-Repetitive Surge Current
(per leg)
IFSM
8.3 ms, half Sine pulse
150
A


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn