Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD515A Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD515A
Description  Monolithic Precision, Low Power FET-Input Electrometer Op Amp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD515A Fiches technique(HTML) 2 Page - Analog Devices

  AD515A_15 Datasheet HTML 1Page - Analog Devices AD515A_15 Datasheet HTML 2Page - Analog Devices AD515A_15 Datasheet HTML 3Page - Analog Devices AD515A_15 Datasheet HTML 4Page - Analog Devices AD515A_15 Datasheet HTML 5Page - Analog Devices AD515A_15 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
–2–
REV. A
AD515A–SPECIFICATIONS
Model
AD515AJ
AD515AK
AD515AL
OPEN-LOOP GAIN
1
VOUT =
±10 V, R
L
≥ 2 kΩ
20,000 V/V min
40,000 V/V min
25,000 V/V min
VOUT = ± 10 V, RL ≥ 10 kΩ
40,000 V/V min
100,000 V/V min
50,000 V/V min
TA = min to max RL
≥ 2 kΩ
15,000 V/V min
40,000 V/V min
25,000 V/V min
OUTPUT CHARACTERISTICS
Voltage @ RL = 2 kΩ, TA = min to max
10 V min ( 12 V typ)
**
Voltage @ RL = 10 kΩ, TA = min to max
12 V min ( 13 V typ)
**
Load Capacitance
2
1000 pF
Short-Circuit Current
10 mA min (20 mA typ)
FREQUENCY RESPONSE
Unity Gain, Small Signal
1 MHz
*
*
Full Power Response
5 kHz min (50 kHz typ)
*
*
Slew Rate Inverting Unity Gain
0.3 V/
µs min (3.0 V/µs typ)
*
*
Overload Recovery Inverting Unity Gain
100
µs max (2 µs typ)
*
*
INPUT OFFSET VOLTAGE
3
3.0 mV max (0.4 mV typ)
1.0 mV max (0.4 mV typ)
1.0 mV max (0.4 mV typ)
vs. Temperature, TA = min to max
50
V/ C max
15
V/ C max
25
V/ C max
vs. Supply, TA = min to max
400
V/V max (50
V/V typ)
100
V/V max
200
V/V max
INPUT BIAS CURRENT
Either Input
4
300 fA max
150 fA max
75 fA max
INPUT IMPEDANCE
Differential VDIFF = ± 1 V
1.6 pF 10
13
**
Common Mode
0.8 pF 10
15
**
INPUT NOISE
Voltage, 0.1 Hz to 10 Hz
4.0
µV (p-p)
*
*
f = 10 Hz
75 nV/V/
√Hz
**
f = 100 Hz
55 nV/
√Hz
**
f = l kHz
50 nV/
√Hz
**
Current, 0.1 Hz to 10 Hz
0.007 pA (p-p)
*
*
10 Hz to 10 kHz
0.01 pA rms
*
*
INPUT VOLTAGE RANGE
Differential
20 V min
**
Common Mode, TA = min to max
10 V min (+ 12 V, –11 typ)
**
Common-Mode Rejection, VIN = ± 10 V
66 dB min (94 dB typ)
80 dB min
70 dB min
Maximum Safe Input Voltage
5
±V
S
**
POWER SUPPLY
Rated Performance
±15 V
*
*
Operating
5 V min ( 18 V max)
**
Quiescent Current
1.5 mA max (0.6 mA typ)
*
TEMPERATURE
Operating, Rated Performance
0
°C to + 70°C*
*
Storage
–65
°C to +150°C
PACKAGE OPTION
TO-99 (H-08A)
AD515AJH
AD515AKH
AD515ALH
(typical @ +25 C and VS =
15 V dc, unless otherwise noted)
NOTES
*Specifications same as AD515AJ.
1Open Loop Gain is specified with or without pulling of V
OS.
2A conservative design would not exceed 750 pF of load capacitance.
3Input Offset Voltage specifications are guaranteed after 5 minutes of
operation at TA = +25
°C.
4Bias Current specifications are guaranteed after 5 minutes of operation at
TA = +25
°C. For higher temperatures, the current doubles every +10°C.
51f it is possible for the input voltage to exceed the supply voltage, a series
protection resistor should be added to limit input current to 0.1 mA.
The input devices can handle overload currents of 0.1 mA indefinitely without
damage. See next page.
Specifications shown in boldface are tested on all production units at final test.
Specifications subject to change without notice.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD515A features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
OBSOLETE


Numéro de pièce similaire - AD515A_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD515AJ AD-AD515AJ Datasheet
205Kb / 6P
   Monolithic Precision, Low Power FET-Input Electrometer Op Amp
REV. A
AD515AJH AD-AD515AJH Datasheet
205Kb / 6P
   Monolithic Precision, Low Power FET-Input Electrometer Op Amp
REV. A
AD515AK AD-AD515AK Datasheet
205Kb / 6P
   Monolithic Precision, Low Power FET-Input Electrometer Op Amp
REV. A
AD515AKH AD-AD515AKH Datasheet
205Kb / 6P
   Monolithic Precision, Low Power FET-Input Electrometer Op Amp
REV. A
AD515AL AD-AD515AL Datasheet
205Kb / 6P
   Monolithic Precision, Low Power FET-Input Electrometer Op Amp
REV. A
More results

Description similaire - AD515A_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD515A AD-AD515A Datasheet
205Kb / 6P
   Monolithic Precision, Low Power FET-Input Electrometer Op Amp
REV. A
AD545A AD-AD545A Datasheet
280Kb / 4P
   Monolithic Precision, Low Drift FET-Input Op Amp
AD795 AD-AD795_02 Datasheet
278Kb / 16P
   Low Power, Low Noise Precision FET Op Amp
REV. B
AD795 AD-AD795_15 Datasheet
276Kb / 20P
   Low Power, Low Noise Precision FET Op Amp
REV. C
AD795 AD-AD795 Datasheet
331Kb / 16P
   Low Power, Low Noise Precision FET Op Amp
REV. A
AD795 AD-AD795_09 Datasheet
276Kb / 20P
   Low Power, Low Noise Precision FET Op Amp
REV. C
logo
Linear Technology
LT1792 LINER-LT1792 Datasheet
169Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
LT1792 LINER-LT1792_15 Datasheet
184Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
logo
M.S. Kennedy Corporatio...
MSK032 MSK-MSK032 Datasheet
181Kb / 5P
   FET INPUT DIFFERENTIAL OP-AMP
logo
Anaren Microwave
MSK032 ANAREN-MSK032 Datasheet
378Kb / 5P
   FET INPUT DIFFERENTIAL OP-AMP
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com