Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7755 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD7755
Description  Energy Metering IC with Pulse Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7755 Fiches technique(HTML) 4 Page - Analog Devices

  AD7755_15 Datasheet HTML 1Page - Analog Devices AD7755_15 Datasheet HTML 2Page - Analog Devices AD7755_15 Datasheet HTML 3Page - Analog Devices AD7755_15 Datasheet HTML 4Page - Analog Devices AD7755_15 Datasheet HTML 5Page - Analog Devices AD7755_15 Datasheet HTML 6Page - Analog Devices AD7755_15 Datasheet HTML 7Page - Analog Devices AD7755_15 Datasheet HTML 8Page - Analog Devices AD7755_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. B
AD7755
–4–
ABSOLUTE MAXIMUM RATINGS
*
(TA = +25
°C unless otherwise noted)
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
DVDD to AVDD . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Analog Input Voltage to AGND
V1P, V1N, V2P and V2N . . . . . . . . . . . . . . . –6 V to +6 V
Reference Input Voltage to AGND . . –0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND . . . –0.3 V to DVDD + 0.3 V
Digital Output Voltage to DGND . . –0.3 V to DVDD + 0.3 V
Operating Temperature Range
Industrial (A, B Versions) . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7755 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
24-Lead Plastic DIP, Power Dissipation . . . . . . . . . . 450 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . .
105
°C/W
Lead Temperature, (Soldering 10 sec) . . . . . . . . . . . . 260
°C
24-Lead SSOP, Power Dissipation . . . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . .
112
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
TERMINOLOGY
MEASUREMENT ERROR
The error associated with the energy measurement made by the
AD7755 is defined by the following formula:
Percentage Error
True Energy
Energy Registered by the AD7755 – True Energy
100%
PHASE ERROR BETWEEN CHANNELS
The HPF (High Pass Filter) in Channel 1 has a phase lead
response. To offset this phase response and equalize the phase
response between channels, a phase correction network is also
placed in Channel 1. The phase correction network matches the
phase to within
±0.1° over a range of 45 Hz to 65 Hz and ±0.2°
over a range 40 Hz to 1 kHz. See Figures 22 and 23.
POWER SUPPLY REJECTION
This quantifies the AD7755 measurement error as a percentage
of reading when the power supplies are varied.
For the ac PSR measurement a reading at nominal supplies
(5 V) is taken. A 200 mV rms/100 Hz signal is then introduced
onto the supplies and a second reading obtained under the same
input signal levels. Any error introduced is expressed as a per-
centage of reading—see Measurement Error definition.
For the dc PSR measurement a reading at nominal supplies
(5 V) is taken. The supplies are then varied
±5% and a second
reading is obtained with the same input signal levels. Any error
introduced is again expressed as a percentage of reading.
ADC OFFSET ERROR
This refers to the dc offset associated with the analog inputs to
the ADCs. It means that with the analog inputs connected to
AGND, the ADCs still see a small dc signal (offset). The offset
decreases with increasing gain in channel V1. This specification
is measured at a gain of 1. At a gain of 16, the dc offset is typi-
cally less than 1 mV. However, when the HPF is switched on,
the offset is removed from the current channel and the power
calculation is not affected by this offset.
GAIN ERROR
The gain error of the AD7755 is defined as the difference between
the measured output frequency (minus the offset) and the ideal
output frequency. It is measured with a gain of 1 in channel V1.
The difference is expressed as a percentage of the ideal frequency.
The ideal frequency is obtained from the AD7755 transfer func-
tion—see Transfer Function section.
GAIN ERROR MATCH
The gain error match is defined as the gain error (minus the
offset) obtained when switching between a gain of 1 and a
gain of 2, 8, or 16. It is expressed as a percentage of the out-
put frequency obtained under a gain of 1. This gives the gain
error observed when the gain selection is changed from 1 to 2,
8 or 16.
OBSOLETE


Numéro de pièce similaire - AD7755_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7755AAN AD-AD7755AAN Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
AD7755AAN-REF AD-AD7755AAN-REF Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
AD7755AARS AD-AD7755AARS Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
AD7755ABRS AD-AD7755ABRS Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
More results

Description similaire - AD7755_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
   ENERGY METERING IC WITH PULSE OUTPUT
logo
Analog Devices
ADE7755 AD-ADE7755_15 Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
EVAL-ADE7755ZEB AD-EVAL-ADE7755ZEB Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZ AD-ADE7755ARSZ Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSRL AD-ADE7755ARSRL Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZRL AD-ADE7755ARSZRL Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
logo
Silvan Chip Electronics...
SCE7755 SILVAN-SCE7755 Datasheet
680Kb / 14P
   Energy Metering IC with Pulse Output
logo
Analog Devices
ADE7752A AD-ADE7752A_15 Datasheet
401Kb / 24P
   Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752 AD-ADE7752_15 Datasheet
401Kb / 24P
   Polyphase Energy Metering IC with Pulse Output
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com