Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-1420-G0000 Fiches technique(PDF) 5 Page - Agilent(Hewlett-Packard)

No de pièce HLMP-1420-G0000
Description  T-1 (3 mm) High Intensity LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1420-G0000 Fiches technique(HTML) 5 Page - Agilent(Hewlett-Packard)

  HLMP-1420-G0000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-1420-G0000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1420-G0000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1420-G0000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1420-G0000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1420-G0000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1420-G0000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1420-G0000 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
T-1 Yellow Non-Diffused
Figure 10. Maximum Tolerable Peak
Current vs. Pulse Duration. (IDCMAX
as per MAX Ratings).
Figure 11. Relative Luminous Intensity vs. Angular Displacement.
Figure 8. Relative Luminous Intensity
vs. Forward Current.
Figure 7. Forward Current vs.
Forward Voltage Characteristics.
Figure 9. Relative Efficiency
(Luminous Intensity per Unit
Current) vs. Peak Current.


Numéro de pièce similaire - HLMP-1420-G0000

FabricantNo de pièceFiches techniqueDescription
logo
QT Optoelectronics
HLMP-1420 QT-HLMP-1420 Datasheet
244Kb / 3P
   CLEAR LENS T-100 SOLID STATE LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1420 AVAGO-HLMP-1420 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
More results

Description similaire - HLMP-1420-G0000

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321 AVAGO-HLMP-1321 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
HLMP-3519 AVAGO-HLMP-3519 Datasheet
326Kb / 10P
   T-1 3/4 (5mm) High Intensity LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-KA45 AVAGO-HLMP-KA45 Datasheet
240Kb / 7P
   T-1 (3 mm) High Intensity InGaN Lamp
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com