Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD671 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD671
Description  Monolithic 12-Bit 2 MHz A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD671 Fiches technique(HTML) 5 Page - Analog Devices

  AD671_15 Datasheet HTML 1Page - Analog Devices AD671_15 Datasheet HTML 2Page - Analog Devices AD671_15 Datasheet HTML 3Page - Analog Devices AD671_15 Datasheet HTML 4Page - Analog Devices AD671_15 Datasheet HTML 5Page - Analog Devices AD671_15 Datasheet HTML 6Page - Analog Devices AD671_15 Datasheet HTML 7Page - Analog Devices AD671_15 Datasheet HTML 8Page - Analog Devices AD671_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD671
REV. B
–5–
ORDERING GUIDE
Temperature
Package
Model
l
Linearity
Range
Options
2
AD671JD-500
±4 LSB
0
°C to +70°C
D-24A
AD671KD-500
±2 LSB
0
°C to +70°C
D-24A
AD671JD-750
±2 LSB
0
°C to +70°C
D-24A
AD671KD-750
±1.5 LSB
0
°C to +70°C
D-24A
AD671SD-500
±4 LSB
–55
°C to +125°C D-24A
AD671SD-750
±2.5 LSB
–55
°C to +125°C D-24A
NOTES
1For details on grade and package offerings screened in accordance with
MIL-STD-883, refer to the Analog Devices Military Products Databook or
current AD671/883 data sheet.
2D = Ceramic DIP.
ABSOLUTE MAXIMUM RATINGS*
With
Respect
Parameter
to
Min
Max
Units
VCC
ACOM
–0.5
+6.5
Volts
VEE
ACOM
–6.5
+0.5
Volts
VLOGIC
DCOM
–0.5
+6.5
Volts
ACOM
DCOM
–1.0
+1.0
Volts
VCC
VLOGIC
–6.5
+6.5
Volts
ENCODE
DCOM
–0.5
VLOGIC +0.5 Volts
REF IN
ACOM
–0.5
VCC +0.5
Volts
AIN, BPO/UPO
ACOM
–6.5
11.0
Volts
Junction Temperature
+175
°C
Storage Temperature
–65
+150
°C
Lead Temperature (10 sec)
+300
°C
Power Dissipation
1000
mW
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum ratings for extended periods may effect device reliability.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD671 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
OBSOLETE


Numéro de pièce similaire - AD671_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD671JD-500 AD-AD671JD-500 Datasheet
485Kb / 16P
   Monolithic 12-Bit 2 MHz A/D Converter
REV. B
AD671JD-750 AD-AD671JD-750 Datasheet
485Kb / 16P
   Monolithic 12-Bit 2 MHz A/D Converter
REV. B
AD671KD-500 AD-AD671KD-500 Datasheet
485Kb / 16P
   Monolithic 12-Bit 2 MHz A/D Converter
REV. B
AD671KD-750 AD-AD671KD-750 Datasheet
485Kb / 16P
   Monolithic 12-Bit 2 MHz A/D Converter
REV. B
AD671SD-500 AD-AD671SD-500 Datasheet
485Kb / 16P
   Monolithic 12-Bit 2 MHz A/D Converter
REV. B
More results

Description similaire - AD671_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD671 AD-AD671 Datasheet
485Kb / 16P
   Monolithic 12-Bit 2 MHz A/D Converter
REV. B
AD9022 AD-AD9022_15 Datasheet
411Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. A
AD568 AD-AD568_15 Datasheet
544Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD9022 AD-AD9022 Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD9042 AD-AD9042 Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD568 AD-AD568 Datasheet
541Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
logo
National Semiconductor ...
CLC5957 NSC-CLC5957 Datasheet
631Kb / 12P
   12-bit, 70MSPS Broadband Monolithic A/D Converter
logo
Renesas Technology Corp
HI-DAC80V RENESAS-HI-DAC80V Datasheet
483Kb / 8P
   12-Bit, Low Cost, Monolithic D/A Converter
logo
Analog Devices
AD6012 AD-AD6012_15 Datasheet
2Mb / 6P
   LOW COST MONOLITHIC 12 BIT D/A CONVERTER
logo
Intersil Corporation
HI-DAC80V INTERSIL-HI-DAC80V_01 Datasheet
92Kb / 8P
   12-Bit, Low Cost, Monolithic D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com