Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5066M Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce FAN5066M
Description  Ultra Low Voltage Synchronous DC-DC Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5066M Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5066M Datasheet HTML 6Page - Fairchild Semiconductor FAN5066M Datasheet HTML 7Page - Fairchild Semiconductor FAN5066M Datasheet HTML 8Page - Fairchild Semiconductor FAN5066M Datasheet HTML 9Page - Fairchild Semiconductor FAN5066M Datasheet HTML 10Page - Fairchild Semiconductor FAN5066M Datasheet HTML 11Page - Fairchild Semiconductor FAN5066M Datasheet HTML 12Page - Fairchild Semiconductor FAN5066M Datasheet HTML 13Page - Fairchild Semiconductor FAN5066M Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
FAN5066
PRODUCT SPECIFICATION
10
REV. 2.1.4 11/13/01
Table 3. FAN5066 Application Bill of Materials for DDR VTT
Notes:
1. Inductor L1 is recommended to isolate the 5V input supply from noise generated by the MOSFET switching. L1 may be
omitted if desired.
Test Circuit
Figure 3. Output Drive Test Circuit and Timing Diagram
Reference
Manufacturer Part #
Quantity
Description
Requirements/Comments
C1–2, C6–C9
Panasonic
ECU-V1H104ZFX
6
100nF, 50V Capacitor
C4–5
Panasonic
ECU-V1C105ZFX
21
µF, 16V Capacitor
C10
Panasonic
ECU-V1H101JCG
1
100pF Capacitor
5%, C0G
C11
Sanyo
6SP680M
1
680
µF, 6.3V OSCON
IRMS = 4.8A
COUT
Sanyo
4SP820M
4
820
µF, 4V OSCON
ESR < 12m
D1
Motorola
1N4735A
1
6.2V Zener Diode
L1
Coiltronics
UP1B-1R5
Optional
1.5
µH, 4A Inductor
DCR ~ 20m
See Note 1.
L2
Coiltronics
UP4B-1R5
1
1.5
µH, 13A Inductor
DCR ~ 4m
Q1–2
Fairchild
FDS6680S
2
N-Channel MOSFET
w/ Integrated Schottky
RDS(ON) = 17m
Ω @
VGS = 4.5V
R1
Any
1
47
R2-3
Any
2
4.7
R4
Any
1
10K
R5-6
Any
2
499
U1
Fairchild
FAN5066M
1
DC/DC Controller
+5V
+12V
1
µF
1
µF
0.1
µF
VCCQP
VCCA
10%
10%
50%
HIDRV
LODRV
50%
50%
50%
90%
90%
tR
tDT1
VCCP
HIDRV
LODRV
GNDA
GNDD
GNDP
47
4.7
3000pF
4.7
3000pF
tF
tDT2


Numéro de pièce similaire - FAN5066M

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5066 FAIRCHILD-FAN5066 Datasheet
263Kb / 18P
   Ultra Low Voltage Synchronous DC-DC Controller
More results

Description similaire - FAN5066M

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5066 FAIRCHILD-FAN5066 Datasheet
263Kb / 18P
   Ultra Low Voltage Synchronous DC-DC Controller
logo
Linear Technology
LTC3896 LINER-LTC3896 Datasheet
391Kb / 8P
   High Voltage, Low IQ, Synchronous Inverting DC/DC Controller
LTC3852 LINER-LTC3852_15 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3852 LINER-LTC3852 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
logo
Fairchild Semiconductor
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
logo
Linear Technology
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
   Voltage, Synchronous Step-Down DC/DC Controller
logo
Fairchild Semiconductor
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
logo
Linear Technology
LTC3822-1 LINER-LTC3822-1_15 Datasheet
385Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822 LINER-LTC3822 Datasheet
237Kb / 20P
   No RSENSETM, Low Input Voltage, Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com