Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AC251 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 74AC251
Description  8-Input Multiplexer with 3-STATE Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC251 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  74AC251 Datasheet HTML 1Page - Fairchild Semiconductor 74AC251 Datasheet HTML 2Page - Fairchild Semiconductor 74AC251 Datasheet HTML 3Page - Fairchild Semiconductor 74AC251 Datasheet HTML 4Page - Fairchild Semiconductor 74AC251 Datasheet HTML 5Page - Fairchild Semiconductor 74AC251 Datasheet HTML 6Page - Fairchild Semiconductor 74AC251 Datasheet HTML 7Page - Fairchild Semiconductor 74AC251 Datasheet HTML 8Page - Fairchild Semiconductor 74AC251 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 1999 Fairchild Semiconductor Corporation
DS009945
www.fairchildsemi.com
November 1988
Revised November 1999
74AC251 • 74ACT251
8-Input Multiplexer with 3-STATE Output
General Description
The AC/ACT251 is a high-speed 8-input digital multiplexer.
It provides, in one package, the ability to select one bit of
data from up to eight sources. It can be used as universal
function generator to generate any logic function of four
variables. Both true and complementary outputs are pro-
vided.
Features
s ICC reduced by 50%
s Multifunctional capability
s On-chip select logic decoding
s Inverting and noninverting 3-STATE outputs
s Outputs source/sink 24 mA
s ACT251 has TTL-compatible inputs
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
Connection Diagram
Pin Descriptions
FACT
 is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74AC251SC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow Body
74AC251SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74AC251MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74AC251PC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
74ACT251SC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow Body
74ACT251MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ACT251PC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Pin Names
Description
S0–S2
Select Inputs
OE
3-STATE Output Enable Input
I0–I7
Multiplexer Inputs
Z
3-STATE Multiplexer Output
Z
Complementary 3-STATE Multiplexer Output


Numéro de pièce similaire - 74AC251

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74AC251 FAIRCHILD-74AC251 Datasheet
97Kb / 9P
   8-Input Multiplexer with 3-STATE Output
74AC251MTC FAIRCHILD-74AC251MTC Datasheet
97Kb / 9P
   8-Input Multiplexer with 3-STATE Output
74AC251PC FAIRCHILD-74AC251PC Datasheet
97Kb / 9P
   8-Input Multiplexer with 3-STATE Output
74AC251SC FAIRCHILD-74AC251SC Datasheet
97Kb / 9P
   8-Input Multiplexer with 3-STATE Output
74AC251SJ FAIRCHILD-74AC251SJ Datasheet
97Kb / 9P
   8-Input Multiplexer with 3-STATE Output
More results

Description similaire - 74AC251

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
HEF4512B PHILIPS-HEF4512B Datasheet
68Kb / 7P
   8-input multiplexer with 3-state output
January 1995
logo
Fairchild Semiconductor
74AC251 FAIRCHILD-74AC251 Datasheet
97Kb / 9P
   8-Input Multiplexer with 3-STATE Output
logo
AVG Semiconductors(HITE...
DV74ACT251 AVG-DV74ACT251 Datasheet
310Kb / 4P
   8 Input Multiplexer with 3-State Outputs, 8 Input Digital Multiplexer
logo
National Semiconductor ...
54AC251 NSC-54AC251 Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
logo
Texas Instruments
54AC251 TI1-54AC251 Datasheet
146Kb / 9P
[Old version datasheet]   8-Input Multiplexer with TRI-STATE Output
logo
Nexperia B.V. All right...
74HCT251 NEXPERIA-74HCT251 Datasheet
263Kb / 16P
   8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
logo
Motorola, Inc
SN54LS251 MOTOROLA-SN54LS251 Datasheet
181Kb / 6P
   8-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LV251 PHILIPS-74LV251 Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
74ALS251 PHILIPS-74ALS251 Datasheet
103Kb / 8P
   8-input multiplexer 3-State
1991 Feb 08
logo
Nexperia B.V. All right...
74HC251-Q100 NEXPERIA-74HC251-Q100 Datasheet
268Kb / 17P
   8-input multiplexer; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com