Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS80C31X2 Fiches technique(PDF) 4 Page - ATMEL Corporation

No de pièce TS80C31X2
Description  8031 pin and instruction compatible
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C31X2 Fiches technique(HTML) 4 Page - ATMEL Corporation

  TS80C31X2_14 Datasheet HTML 1Page - ATMEL Corporation TS80C31X2_14 Datasheet HTML 2Page - ATMEL Corporation TS80C31X2_14 Datasheet HTML 3Page - ATMEL Corporation TS80C31X2_14 Datasheet HTML 4Page - ATMEL Corporation TS80C31X2_14 Datasheet HTML 5Page - ATMEL Corporation TS80C31X2_14 Datasheet HTML 6Page - ATMEL Corporation TS80C31X2_14 Datasheet HTML 7Page - ATMEL Corporation TS80C31X2_14 Datasheet HTML 8Page - ATMEL Corporation TS80C31X2_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
4
4428E–8051–02/08
AT/TS80C31X2
5.
Pin Configuration
5
4
3
2
1
6
44 43 42 41 40
P0.4/AD4
P0.6/AD6
P0.5/AD5
P0.7/AD7
ALE
PSEN
EA
NIC*
P2.7/A15
P2.5/A13
P2.6/A14
43 42 41 40 39
44
38 37 36 35 34
P0.4/AD4
P0.6/AD6
P0.5/AD5
P0.7/AD7
ALE
PSEN
EA
NIC*
P2.7/A15
P2.5/A13
P2.6/A14
P1.5
P1.6
P1.7
RST
P3.0/RxD
NIC*
P3.1/TxD
P3.2/INT0
P3.3/INT1
P3.4/T0
P3.5/T1
P1.5
P1.6
P1.7
RST
P3.0/RxD
NIC*
P3.1/TxD
P3.2/INT0
P3.3/INT1
P3.4/T0
P3.5/T1
*NIC: No Internal Connection
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
PLCC44
33
32
31
30
29
28
27
26
25
24
23
PQFP44
1
2
3
4
5
6
7
8
9
10
11
18 19 20 21 22 23 24 25 26 27 28
12 13 14 15 16 17 18 19 20 21 22
VQFP44
VQFP44
P1.7
RST
P3.0/RxD
P3.1/TxD
P1.3
1
P1.5
P3.2/INT0
P3.3/INT1
P3.5/T1
P3.6/WR
P3.7/RD
XTAL2
XTAL1
VSS
P2.0 / A8
P2.1 / A9
P2.2 / A10
P2.3 / A11
P2.4 / A12
P0.4 / A4
P0.6 / A6
P0.5 / A5
P0.7 / A7
ALE/PROG
PSEN
EA/VPP
P2.7 / A15
P2.5 / A13
P2.6 / A14
P1.0 / T2
P1.1 / T2EX
VCC
P0.0 / A0
P0.1 / A1
P0.2 / A2
P0.3 / A3
PDIL/
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
CDIL40
P1.6
P1.4
P1.2
P3.4/T0


Numéro de pièce similaire - TS80C31X2_14

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
TS80C31X2-ECAB ATMEL-TS80C31X2-ECAB Datasheet
601Kb / 42P
   8-bit CMOS Microcontroller ROMless
TS80C31X2-ECAD ATMEL-TS80C31X2-ECAD Datasheet
601Kb / 42P
   8-bit CMOS Microcontroller ROMless
TS80C31X2-ECAR ATMEL-TS80C31X2-ECAR Datasheet
601Kb / 42P
   8-bit CMOS Microcontroller ROMless
TS80C31X2-ECBB ATMEL-TS80C31X2-ECBB Datasheet
601Kb / 42P
   8-bit CMOS Microcontroller ROMless
TS80C31X2-ECBD ATMEL-TS80C31X2-ECBD Datasheet
601Kb / 42P
   8-bit CMOS Microcontroller ROMless
More results

Description similaire - TS80C31X2_14

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
AT80C31X2 ATMEL-AT80C31X2_14 Datasheet
376Kb / 42P
   8031 pin and instruction compatible
AT80C54 ATMEL-AT80C54_14 Datasheet
527Kb / 62P
   8051 pin and instruction compatible
80C32E ATMEL-80C32E_14 Datasheet
285Kb / 20P
   8032 Pin and Instruction Compatible
AT80C58X2 ATMEL-AT80C58X2_14 Datasheet
527Kb / 62P
   8051 pin and instruction compatible
AT87C54 ATMEL-AT87C54_14 Datasheet
527Kb / 62P
   8051 pin and instruction compatible
logo
Freescale Semiconductor...
MC912DG128ACPVE FREESCALE-MC912DG128ACPVE Datasheet
2Mb / 478P
   Upward compatible with M68HC11 instruction set
logo
SyncMOS Technologies,In...
SM59R02G1 SYNCMOS-SM59R02G1 Datasheet
786Kb / 57P
   Instruction-set compatible with MCS-51
SM59A16U1 SYNCMOS-SM59A16U1 Datasheet
2Mb / 146P
   Instruction-set compatible with MCS-51
logo
Analog Devices
ADSP-BF700 AD-ADSP-BF700 Datasheet
2Mb / 116P
   Instruction set compatible with previous Blackfin products
logo
Texas Instruments
TMS320F TI-TMS320F Datasheet
1Mb / 389P
[Old version datasheet]   CPU and Instruction Set
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com