Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-1320-XT000 Fiches technique(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
HLMP-1320-XT000 Fiches technique(HTML) 1 Page - Agilent(Hewlett-Packard) |
1 / 8 page T-1 (3 mm) High Intensity LED Lamps Technical Data Features • High Intensity • Choice of 3 Bright Colors High Efficiency Red Yellow High Performance Green • Popular T-1 Diameter Package • Selected Minimum Intensities • Narrow Viewing Angle • General Purpose Leads • Reliable and Rugged • Available on Tape and Reel • For more information, please refer to Tape and Reel Option Data Sheet Description This family of T-1 lamps is specially designed for applica- tions requiring higher on-axis intensity than is achievable with a standard lamp. The light generated is focused to a narrow beam to achieve this effect. HLMP-132x Series HLMP-142x Series HLMP-152x Series Package Dimensions Selection Guide Luminous Intensity Part Package Iv (mcd) @ 10 mA Number Description Color Min. Max. HLMP-1320-G00xx 8.6 – HLMP-1320 GH0xx 8.6 27.6 HLMP-1321 8.6 – HLMP-1321-G00xx 8.6 – HLMP-1321-HI0xx 13.8 44.0 HLMP-1420 9.2 – HLMP-1420-F00xx 9.2 – HLMP-1421 9.2 – HLMP-1421-F00xx 9.2 – HLMP-1421-FG0xx 9.2 29.4 HLMP-1520 6.7 – HLMP-1520-E00xx 6.7 – HLMP-1521 6.7 – HLMP-1521-E00xx 6.7 – HLMP-1521-EF0xx 6.7 21.2 High Efficiency Red Untinted, Nondiffused Tinted, Nondiffused Yellow Microtinted, Nondiffused Tinted, Nondiffused Microtinted, Nondiffused Tinted, Nondiffused Green |
Numéro de pièce similaire - HLMP-1320-XT000 |
|
Description similaire - HLMP-1320-XT000 |