Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

901607 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce 901607
Description  5.08mm Pitch, Beau Eurostyle Low Profile
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

901607 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  901607 Datasheet HTML 1Page - Molex Electronics Ltd. 901607 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 12/22/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39900-0507
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
3.81mm Pitch Beau™ Eurostyle™ Vertical PCB Header, 7 Circuits
Replacement Part
Number:
39511-1007
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
UL
E48521
General
Product Family
Terminal Blocks
Series
39900
Application
N/A
Comments
Gold plating and green housing available
Component Type
PCB Header
Overview
Eurostyle™ Terminal Blocks
Product Name
Eurostyle™Pluggable
Replacement Part Number
39511-1007
Type
Euro Block
UPC
800756366449
Physical
Circuits (Loaded)
7
Color - Resin
Black
Entry Angle
N/A
Flammability
94V-0
Lock to Mating Part
None
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
Polyester
Net Weight
2.910/g
Number of Rows
1
Orientation
Vertical
PC Tail Length
3.40mm
PCB Retention
N/A
PCB Thickness - Recommended
2.40mm
Panel Mount
No
Pitch - Mating Interface
3.81mm
Pitch - Termination Interface
3.81mm
Plating min - Mating
0.762µm
Plating min - Termination
0.762µm
Polarized to Mating Part
Yes
Shrouded
Fully
Stackable
No
Temperature Range - Operating
130°C
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
12A
Voltage - Maximum
300V
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39900Series
Mates With
39900-0307 Vertical Plug, Front Wire Entry,
39900-0207 Vertical Plug, Rear Wire Entry,
39905-0107 Horizontal Plug


Numéro de pièce similaire - 901607

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
901607 MOLEX5-901607 Datasheet
422Kb / 4P
   3.81mm (.150") Pitch Beau??Eurostyle??Vertical PCB Header, 7 Circuits
logo
Alpha Wire
901607 ALPHAWIRE-901607 Datasheet
99Kb / 4P
   Customer Specification
3/15/2023
901607CY ALPHAWIRE-901607CY Datasheet
100Kb / 5P
   Customer Specification
3/15/2023
More results

Description similaire - 901607

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
39890-0303 MOLEX11-39890-0303 Datasheet
37Kb / 2P
   5.08mm Pitch, Beau Eurostyle Low Profile
39890-0308 MOLEX11-39890-0308 Datasheet
37Kb / 2P
   5.08mm Pitch, Beau Eurostyle Low Profile
39890-0310 MOLEX11-39890-0310 Datasheet
37Kb / 2P
   5.08mm Pitch, Beau Eurostyle Low Profile
39890-0314 MOLEX11-39890-0314 Datasheet
37Kb / 2P
   5.08mm Pitch, Beau Eurostyle Low Profile
39880-1048 MOLEX11-39880-1048 Datasheet
40Kb / 1P
   5.08mm Pitch, Beau Eurostyle Low Profile
39880-1205 MOLEX11-39880-1205 Datasheet
40Kb / 1P
   5.08mm Pitch, Beau Eurostyle Low Profile
39880-1212 MOLEX11-39880-1212 Datasheet
40Kb / 1P
   5.08mm Pitch, Beau Eurostyle Low Profile
39880-1224 MOLEX11-39880-1224 Datasheet
40Kb / 1P
   5.08mm Pitch, Beau Eurostyle Low Profile
39880-0780 MOLEX11-39880-0780 Datasheet
40Kb / 1P
   5.08mm Pitch, Beau Eurostyle Low Profile
39880-0906 MOLEX11-39880-0906 Datasheet
40Kb / 2P
   5.08mm Pitch, Beau Eurostyle Low Profile
39890-0624 MOLEX11-39890-0624 Datasheet
40Kb / 2P
   5.08mm Pitch, Beau Eurostyle Low Profile
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com